Electronic Components Datasheet Search |
|
DCS3-10 Datasheet(PDF) 1 Page - Superworld Electronics |
|
DCS3-10 Datasheet(HTML) 1 Page - Superworld Electronics |
|
1 / 1 page 1. CONFIGURATION & DIMENSIONS : 3. ELECTRICAL CHARACTERISTICS ( @ 25°C ) : SUPERWORLD ELECTRONICS (S) PTE LTD 2. SCHEMATIC : DCS3-10 (F) SERIES POWER TRANSFORMER PG. 1 NOTE : Specifications subject to change without notice. Please check our website for latest information. 25.02.2008 7 5 8 1 4 indicates polarity 41.28 (1.625) 3 SIZE W 27.00 (1.063) 52.40 (2.063) 2.4 VA L H 30.18 (1.188) 44.45 (1.75) 14.30 (0.563) A B ML 113.40 gram UNIT : mm (inch) 3.96 (0.156) 6.35 (0.250) L ML A W 9.53 (0.375) B Solder Lug Terminal 4.76(0.187)Quick Connect Holes 4.76(0.187)Dia. Mfg. 3 2 a. Primary Voltage AC 115/230 V 50/60 Hz . b. No Load Primary Current Less Than 10mA / 15mA . c. Secondary Voltage (±5%) AC 12.40 V / 12.40 V . d. Secondary Load Current 0.25A . e. Full Load Primary Current Less Than 40mA / 25mA . f. Full Load Secondary Voltage (±5%) 10.00V / 10.00V . Pin 3-4 Pin 1-2 g. DC Resistance Pin 5-8 C.T. Pin 7 Primary-1 = 575 Ohm . Pin 5-7 Pin 7-8 h. Insulation Resistance i. Withstand Voltage (Hi-Pot) Secondary-1 = 2.45 Ohm . DC 500V 100Meg Ohm Of More . AC 2500V 60Hz 1 Minutes . Less Than 60 Deg C . EI-35 x 13.00 m/m . j. Temperature Rise k. Core Size 2669 l. Turns & Wire Gauge Primary-1 2669 145 x 2 Primary-2 Secondary Pin 5-7-8 Pin 3-4 Pin 1-2 Turns Diameter 0.08 m/m . 0.08 m/m . Turns Diameter 0.29 m/m . Turns Diameter Pin 5-8 C.T. Pin 7 Primary-2 = 750 Ohm . Secondary-2 = 2.45 Ohm . |
Similar Part No. - DCS3-10 |
|
Similar Description - DCS3-10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |