Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMOB001ANDH Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # RMOB001ANDH
Description  Precision compensated pressure sensors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RMOB001ANDH Datasheet(HTML) 5 Page - Sensortechnics GmbH

  RMOB001ANDH Datasheet HTML 1Page - Sensortechnics GmbH RMOB001ANDH Datasheet HTML 2Page - Sensortechnics GmbH RMOB001ANDH Datasheet HTML 3Page - Sensortechnics GmbH RMOB001ANDH Datasheet HTML 4Page - Sensortechnics GmbH RMOB001ANDH Datasheet HTML 5Page - Sensortechnics GmbH RMOB001ANDH Datasheet HTML 6Page - Sensortechnics GmbH RMOB001ANDH Datasheet HTML 7Page - Sensortechnics GmbH RMOB001ANDH Datasheet HTML 8Page - Sensortechnics GmbH RMOB001ANDH Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RMO Series
Precision compensated pressure sensors
5/10
www.sensortechnics.com
E / 11711 / A
mass: approx. 2 g
dimensions in mm (inches)
RMO...DND...
RMO...DFD...
OUTLINE DRAWING AND ELECTRICAL CONNECTION (cont.)
n
i
Pn
o
i
t
c
e
n
n
o
C
1s
V
-
2t
u
o
V
+
3s
V
+
4t
u
o
V
-
n
i
Pn
o
i
t
c
e
n
n
o
C
1s
V
-
2t
u
o
V
+
3s
V
+
4t
u
o
V
-
0.3
(0.01)
6.1
(0.24)
2.5
(0.10)
2.5
(0.10)
0.5
(0.02)
1.1
(0.04)
7.4
(0.29)
5.8
(0.23)
0.5
(0.02)
2.5
(0.10)
15.5
(0.61)
9.9
(0.39)
4.1
(0.16)
7.6
(0.30)
8.9
(0.35)
9.9
(0.39)
Vent hole (P2)
P1
DIA 0.8
(0.03)
1
2
3
4
4.1
(0.16)
P1
Vent (P2)
DIA 3.8
(0.15)
10,4
(0.41)
8.9
(0.35)
7.4
(0.29)
5.8
(0.23)
7.6
(0.30)
9.9
(0.39)
0.6
(0.03)
2.8
(0.11)
9.9
(0.39)
15.5
(0.61)
0.5
(0.02)
0.3
(0.01)
1.1
(0.04)
2.5
(0.10)
6.1
(0.24)
19.8
(0.78)
1
2
3
4
DIA 4.8
(0.19)
DIA 2.0
(0.08)
mass: approx. 2 g
dimensions in mm (inches)
third angle projection
third angle projection


Similar Part No. - RMOB001ANDH

ManufacturerPart #DatasheetDescription
logo
TEMEX
RMO1490A TEMEX-RMO1490A Datasheet
3Mb / 2P
   Frequency stability over temperature as low
More results

Similar Description - RMOB001ANDH

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PCOH004DP SENSORTECHNICS-PCOH004DP Datasheet
60Kb / 3P
   Precision compensated pressure sensors
PMOH004 SENSORTECHNICS-PMOH004 Datasheet
60Kb / 3P
   Precision compensated pressure sensors
HDOM010AE8H SENSORTECHNICS-HDOM010AE8H Datasheet
77Kb / 5P
   Precision compensated pressure sensors
RDOB001A2 SENSORTECHNICS-RDOB001A2 Datasheet
140Kb / 5P
   Precision compensated pressure sensors
HROM025 SENSORTECHNICS-HROM025 Datasheet
107Kb / 5P
   Precision compensated pressure sensors
logo
List of Unclassifed Man...
SCX01DN ETC1-SCX01DN Datasheet
209Kb / 10P
   Precision Compensated Pressure Sensors
logo
Sensortechnics GmbH
HDOM010P SENSORTECHNICS-HDOM010P Datasheet
75Kb / 5P
   Precision compensated pressure sensors
RCOB001A SENSORTECHNICS-RCOB001A Datasheet
102Kb / 5P
   Precision compensated pressure sensors
SCX01DN SENSORTECHNICS-SCX01DN Datasheet
366Kb / 10P
   Precision compensated pressure sensors
HDOM010-P SENSORTECHNICS-HDOM010-P Datasheet
75Kb / 5P
   Precision compensated pressure sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com