Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RXUB005D Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # RXUB005D
Description  Basic pressure sensors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RXUB005D Datasheet(HTML) 5 Page - Sensortechnics GmbH

  RXUB005D Datasheet HTML 1Page - Sensortechnics GmbH RXUB005D Datasheet HTML 2Page - Sensortechnics GmbH RXUB005D Datasheet HTML 3Page - Sensortechnics GmbH RXUB005D Datasheet HTML 4Page - Sensortechnics GmbH RXUB005D Datasheet HTML 5Page - Sensortechnics GmbH RXUB005D Datasheet HTML 6Page - Sensortechnics GmbH RXUB005D Datasheet HTML 7Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RXU Series
Basic pressure sensors
5/7
E / 11707 / A
www.sensortechnics.com
third angle projection
PHYSICAL DIMENSIONS (cont.)
mass: 5 g
dimensions in mm (inches)
N package
DIP package, single port
mass: 1 g
dimensions in mm (inches)
13.97
(0.550)
11.94
(0.470)
1.91
(0.075)
13.84
(0.545)
8.00
(0.315)
6.00
(0.24) NOM
2.79
(0.110) TYP
15.2
(0.60) NOM
0.25
(0.010)
TYP
0.51
(0.020) TYP
2.54
(0.100) TYP
Ø 2.67
(0.105) TYP
2 ° draft
Ø 0.64 (0.025)
vent hole
(gage devices only)
third angle projection


Similar Part No. - RXUB005D

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RXUH004D SENSORTECHNICS-RXUH004D Datasheet
186Kb / 4P
   Basic low pressure sensors
RXUM010 SENSORTECHNICS-RXUM010 Datasheet
186Kb / 4P
   Basic low pressure sensors
More results

Similar Description - RXUB005D

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RQUM050D SENSORTECHNICS-RQUM050D Datasheet
157Kb / 4P
   Basic pressure sensors
RZUP015A SENSORTECHNICS-RZUP015A Datasheet
261Kb / 5P
   Basic pressure sensors
HDUM100 SENSORTECHNICS-HDUM100 Datasheet
582Kb / 4P
   Basic pressure sensors
RPUM035G6A SENSORTECHNICS-RPUM035G6A Datasheet
219Kb / 5P
   Basic pressure sensors
HMUM100 SENSORTECHNICS-HMUM100 Datasheet
357Kb / 14P
   Basic pressure sensors
logo
All Sensors Corporation
DS-0105 ASC-DS-0105 Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
5INCH-D2-BASIC ASC-5INCH-D2-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
logo
Sensortechnics GmbH
RXUH004D SENSORTECHNICS-RXUH004D Datasheet
186Kb / 4P
   Basic low pressure sensors
logo
All Sensors Corporation
1INCH-G-BASIC ASC-1INCH-G-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
1INCH-D1-BASIC ASC-1INCH-D1-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com