Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSDX001G2R-A Datasheet(PDF) 7 Page - Sensortechnics GmbH

Part # DSDX001G2R-A
Description  Digital pressure transducers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

DSDX001G2R-A Datasheet(HTML) 7 Page - Sensortechnics GmbH

  DSDX001G2R-A Datasheet HTML 1Page - Sensortechnics GmbH DSDX001G2R-A Datasheet HTML 2Page - Sensortechnics GmbH DSDX001G2R-A Datasheet HTML 3Page - Sensortechnics GmbH DSDX001G2R-A Datasheet HTML 4Page - Sensortechnics GmbH DSDX001G2R-A Datasheet HTML 5Page - Sensortechnics GmbH DSDX001G2R-A Datasheet HTML 6Page - Sensortechnics GmbH DSDX001G2R-A Datasheet HTML 7Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
DSDX Series A-grade
Digital pressure transducers
7/7
February 2009 / 611
www.sensortechnics.com
DSDX...D4...
DSDX...G2R-A
ORDERING INFORMATION
e
g
n
a
r
e
r
u
s
s
e
r
Pe
t
u
l
o
s
b
Ae
g
a
Ge
g
a
G
/
l
a
i
t
n
e
r
e
f
f
i
D
i
s
p
1
o
t
0A
-
R
2
G
1
0
0
X
D
S
DA
-
R
4
D
1
0
0
X
D
S
D
i
s
p
5
o
t
0A
-
R
2
G
5
0
0
X
D
S
DA
-
R
4
D
5
0
0
X
D
S
D
i
s
p
5
1
o
t
0A
-
R
2
A
5
1
0
X
D
S
DA
-
R
2
G
5
1
0
X
D
S
DA
-
R
4
D
5
1
0
X
D
S
D
i
s
p
0
3
o
t
0A
-
R
2
A
0
3
0
X
D
S
DA
-
R
2
G
0
3
0
X
D
S
DA
-
R
4
D
0
3
0
X
D
S
D
i
s
p
0
0
1
o
t
0A
-
R
2
A
0
0
1
X
D
S
DA
-
R
2
G
0
0
1
X
D
S
DA
-
R
4
D
0
0
1
X
D
S
D
i
s
p
1
±
o
t
0
A
-
D
4
D
1
0
0
X
D
S
D
i
s
p
5
±
o
t
0
A
-
D
4
D
5
0
0
X
D
S
D
i
s
p
5
1
±
o
t
0
A
-
D
4
D
5
1
0
X
D
S
D
ELECTRICAL CONNECTIONS
DSDX...A2R-A
Other pressure ranges or calibrations are available on request
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Vs (pin 1)
identifier
Vs (pin 1)
identifier
Vs (pin 1)
identifier
SCL
N/C
SDA
N/C
SCL
N/C
SDA
N/C
SCL
N/C
SDA
N/C
+Vs
IC
GND
N/C
+Vs
IC
GND
N/C
+Vs
IC
GND
N/C
Note: Pins 4, 6 and 8 are internal device
connections and should not be
connected for any reason.
Pin 2 is an internal device connection
and should be connected to ground
with a 15 nF capacitor.


Similar Part No. - DSDX001G2R-A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
DSDX001G2R SENSORTECHNICS-DSDX001G2R Datasheet
83Kb / 8P
   Digital pressure transducers
More results

Similar Description - DSDX001G2R-A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
DSDX015A2R SENSORTECHNICS-DSDX015A2R Datasheet
83Kb / 8P
   Digital pressure transducers
CSDX0811BARO SENSORTECHNICS-CSDX0811BARO Datasheet
119Kb / 7P
   Digital pressure transducers
DSDXL005D4D SENSORTECHNICS-DSDXL005D4D Datasheet
67Kb / 6P
   Digital pressure transducers
logo
Copal Electronics
P-3000S COPAL-P-3000S Datasheet
84Kb / 3P
   PRESSURE TRANSDUCERS
PA-838-D COPAL-PA-838-D Datasheet
1,007Kb / 4P
   Pressure Transducers
PA-858 COPAL-PA-858 Datasheet
628Kb / 3P
   PRESSURE TRANSDUCERS
logo
Sensortechnics GmbH
ASDXL05D44D SENSORTECHNICS-ASDXL05D44D Datasheet
50Kb / 4P
   Pressure transducers
logo
Copal Electronics
P-8305 COPAL-P-8305 Datasheet
78Kb / 3P
   PRESSURE TRANSDUCERS
P-8505 COPAL-P-8505 Datasheet
73Kb / 3P
   PRESSURE TRANSDUCERS
P-2000 COPAL-P-2000 Datasheet
75Kb / 3P
   PRESSURE TRANSDUCERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com