Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSDX015G2R-A Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # DSDX015G2R-A
Description  Digital pressure transducers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

DSDX015G2R-A Datasheet(HTML) 3 Page - Sensortechnics GmbH

  DSDX015G2R-A Datasheet HTML 1Page - Sensortechnics GmbH DSDX015G2R-A Datasheet HTML 2Page - Sensortechnics GmbH DSDX015G2R-A Datasheet HTML 3Page - Sensortechnics GmbH DSDX015G2R-A Datasheet HTML 4Page - Sensortechnics GmbH DSDX015G2R-A Datasheet HTML 5Page - Sensortechnics GmbH DSDX015G2R-A Datasheet HTML 6Page - Sensortechnics GmbH DSDX015G2R-A Datasheet HTML 7Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DSDX Series A-grade
Digital pressure transducers
3/7
February 2009 / 611
www.sensortechnics.com
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z.
.
.
1
0
0
X
D
S
D6
1
0
28
4
0
20
8
0
2
s
t
n
u
o
c
s
r
e
h
t
o
ll
a2
3
0
28
4
0
24
6
0
2
)
S
S
F
(
n
a
p
s
e
l
a
c
s
ll
u
F
2
6
7
2
3
t
u
p
t
u
Oe
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
.
x
a
m
t
a.
.
.
1
0
0
X
D
S
D4
5
6
36
8
6
38
1
7
3
s
r
e
h
t
o
ll
a0
7
6
36
8
6
32
0
7
3
e
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
.
n
i
m
t
a.
.
.
1
0
0
X
D
S
D8
7
30
1
42
4
4
s
r
e
h
t
o
ll
a4
9
30
1
46
2
4
)
C
°
5
8
o
t
0
(
y
c
a
r
u
c
c
a
l
a
t
o
T
3
.
.
.
1
0
0
X
D
S
D0
.
1
±
S
S
F
%
s
r
e
h
t
o
ll
a5
.
0
±
e
t
a
r
e
l
p
m
a
S0
0
1z
H
y
a
l
e
d
e
s
n
o
p
s
e
R
4
3
7
.
21
1
.
4
1
s
m
)
t
l
u
s
e
r
t
s
1
o
t
p
u
r
e
w
o
p
(
e
m
i
t
p
u
t
r
a
t
S
0
4
p
e
t
s
n
o
i
t
a
z
i
t
n
a
u
Q
5
2s
t
n
u
o
c
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
C
6A
m
All DSDX...R-A
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z.
.
.
1
0
0
X
D
S
D8
7
30
1
42
4
4
s
t
n
u
o
c
s
r
e
h
t
o
ll
a4
9
30
1
46
2
4
)
S
S
F
(
n
a
p
s
e
l
a
c
s
ll
u
F
2
6
7
2
3
t
u
p
t
u
o
e
l
a
c
s
ll
u
F.
.
.
1
0
0
X
D
S
D4
5
6
36
8
6
38
1
7
3
s
r
e
h
t
o
ll
a0
7
6
36
8
6
32
0
7
3
)
C
°
5
8
o
t
0
(
y
c
a
r
u
c
c
a
l
a
t
o
T
3
.
.
.
1
0
0
X
D
S
D0
.
1
±
S
S
F
%
s
r
e
h
t
o
ll
a5
.
0
±
e
t
a
r
e
l
p
m
a
S0
0
1z
H
y
a
l
e
d
e
s
n
o
p
s
e
R
4
3
7
.
21
1
.
4
1
s
m
)
t
l
u
s
e
r
t
s
1
o
t
p
u
r
e
w
o
p
(
e
m
i
t
p
u
t
r
a
t
S
0
4
p
e
t
s
n
o
i
t
a
z
i
t
n
a
u
Q
5
2s
t
n
u
o
c
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
C
6A
m
All DSDX...D-A
PERFORMANCE CHARACTERISTICS
The output signal is not ratiometric to the supply voltage (V
S = 5.0 VDC, TA = 25°C)


Similar Part No. - DSDX015G2R-A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
DSDX015G2R SENSORTECHNICS-DSDX015G2R Datasheet
83Kb / 8P
   Digital pressure transducers
More results

Similar Description - DSDX015G2R-A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
DSDX015A2R SENSORTECHNICS-DSDX015A2R Datasheet
83Kb / 8P
   Digital pressure transducers
CSDX0811BARO SENSORTECHNICS-CSDX0811BARO Datasheet
119Kb / 7P
   Digital pressure transducers
DSDXL005D4D SENSORTECHNICS-DSDXL005D4D Datasheet
67Kb / 6P
   Digital pressure transducers
logo
Copal Electronics
P-3000S COPAL-P-3000S Datasheet
84Kb / 3P
   PRESSURE TRANSDUCERS
PA-838-D COPAL-PA-838-D Datasheet
1,007Kb / 4P
   Pressure Transducers
PA-858 COPAL-PA-858 Datasheet
628Kb / 3P
   PRESSURE TRANSDUCERS
logo
Sensortechnics GmbH
ASDXL05D44D SENSORTECHNICS-ASDXL05D44D Datasheet
50Kb / 4P
   Pressure transducers
logo
Copal Electronics
P-8305 COPAL-P-8305 Datasheet
78Kb / 3P
   PRESSURE TRANSDUCERS
P-8505 COPAL-P-8505 Datasheet
73Kb / 3P
   PRESSURE TRANSDUCERS
P-2000 COPAL-P-2000 Datasheet
75Kb / 3P
   PRESSURE TRANSDUCERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com