Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

914211122000 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # 914211122000
Description  10 mm switching soleniod valve
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

914211122000 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  914211122000 Datasheet HTML 1Page - Sensortechnics GmbH 914211122000 Datasheet HTML 2Page - Sensortechnics GmbH 914211122000 Datasheet HTML 3Page - Sensortechnics GmbH 914211122000 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
E / 11260 / A
www.sensortechnics.com
Ten-X
®
10 mm switching soleniod valve
FEATURES
· 3-way, 2 position (NO, NC & Distributor)
· Optional ‘Hit and Hold’ drive electronics
using pulse width modulation (PWM)
at 25-32 kHz
· Minimum flow of 8 lpm @ 6 psi and
22 lpm @ 30 psi
· 10 mm single piece body design
· Barbed pressure ports allow for direct
tubing or manifold assemblies
· RoHS compliant
PHYSICAL PROPERTIES
Operating environment (continuous duty)
0 to 50 °C
Storage temperature
-40 to 70 °C
Spacing
10 mm (centerline)
Porting
Barbs for 1.98 mm (0.078 in) I.D. tubing
or manifold mount with gasket
Weight
without electronics
10.7 g
with electronics
12 g
Internal volume
0.131 cm3 (0.0080 in3)
MEDIA COMPATIBILITY
Non-reactive gases
ELECTRICAL
Power
0.5 W
Voltage
5, 12, 24 V
DC
Electrical connections
PC pins
WETTED MATERIALS
PBT (polybutylene terephthalate) glass filled;
430FR series stainless steel; 302 series stainless
steel; Viton (FKM) or silicone elastomer
Ten-X is a registered trademark of Parker Hannifin Corporation.


Similar Part No. - 914211122000

ManufacturerPart #DatasheetDescription
logo
Heyco.
9142 HEYCO-9142 Datasheet
90Kb / 1P
   Blunt Rivets
9142 HEYCO-9142 Datasheet
90Kb / 1P
   Blunt Rivets
logo
Meder Electronic
9142711024 MEDER-9142711024 Datasheet
68Kb / 2P
   Reed sensor
More results

Similar Description - 914211122000

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
X103SFB SENSORTECHNICS-X103SFB Datasheet
91Kb / 4P
   8 mm switching soleniod valves
001-0017-900 SENSORTECHNICS-001-0017-900 Datasheet
74Kb / 3P
   Inert isolation soleniod valves
002-0017-900 SENSORTECHNICS-002-0017-900 Datasheet
76Kb / 3P
   Inert isolation soleniod valves
009-0100-900 SENSORTECHNICS-009-0100-900 Datasheet
188Kb / 5P
   High-performance media resistant soleniod valves
PULSE-VALVES-9-99 SENSORTECHNICS-PULSE-VALVES-9-99 Datasheet
99Kb / 3P
   High-performance media resistant soleniod valves
PND05D3 SENSORTECHNICS-PND05D3 Datasheet
63Kb / 3P
   Switching solenoid dump valve
logo
Ralston Instruments.
QTHA-MTB0-10MM RALSTON-QTHA-MTB0-10MM_19 Datasheet
348Kb / 1P
   10 mm tube fitting x male Quick-test, no check-valve, brass
QTHA-MTB0-10MM RALSTON-QTHA-MTB0-10MM Datasheet
385Kb / 1P
   10 mm tube fitting x male Quick-test, no check-valve, brass
logo
Sensortechnics GmbH
099-0051-900 SENSORTECHNICS-099-0051-900 Datasheet
193Kb / 5P
   Ultra-high leak integrity media resistant soleniod valves
11101BV5P00 SENSORTECHNICS-11101BV5P00 Datasheet
265Kb / 5P
   PC mount switching solenoid valve
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com