Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS2541 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74ALS2541
Description  OCTAL LINE DRIVER/MOS DRIVER WITH 3-STATE OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS2541 Datasheet(HTML) 4 Page - Texas Instruments

  SN74ALS2541 Datasheet HTML 1Page - Texas Instruments SN74ALS2541 Datasheet HTML 2Page - Texas Instruments SN74ALS2541 Datasheet HTML 3Page - Texas Instruments SN74ALS2541 Datasheet HTML 4Page - Texas Instruments SN74ALS2541 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SN74ALS2541
OCTAL LINE DRIVER/MOS DRIVER
WITH 3-STATE OUTPUTS
SDAS273 – DECEMBER 1994
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
SERIES 54ALS/ 74ALS AND 54AS/ 74AS DEVICES
tPHZ
tPLZ
tPHL
tPLH
0.3 V
tPZL
tPZH
tPLH
tPHL
LOAD CIRCUIT
FOR 3-STATE OUTPUTS
From Output
Under Test
Test
Point
R1
S1
CL
(see Note A)
7 V
1.3 V
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Timing
Input
Data
Input
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
High-Level
Pulse
Low-Level
Pulse
tw
VOLTAGE WAVEFORMS
PULSE DURATIONS
Input
Out-of-Phase
Output
(see Note C)
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
VOL
VOH
VOH
VOL
Output
Control
(low-level
enabling)
Waveform 1
S1 Closed
(see Note B)
Waveform 2
S1 Open
(see Note B)
[0 V
VOH
VOL
[3.5 V
In-Phase
Output
0.3 V
1.3 V
1.3 V
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS
R2
VCC
RL
Test
Point
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
FOR OPEN-COLLECTOR OUTPUTS
LOAD CIRCUIT FOR
BI-STATE
TOTEM-POLE OUTPUTS
From Output
Under Test
Test
Point
CL
(see Note A)
RL
RL = R1 = R2
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. When measuring propagation delay items of 3-state outputs, switch S1 is open.
D. All input pulses have the following characteristics: PRR
≤ 1 MHz, tr = tf = 2 ns, duty cycle = 50%.
E. The outputs are measured one at a time with one transition per measurement.
Figure 1. Load Circuits and Voltage Waveforms


Similar Part No. - SN74ALS2541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS2541 TI-SN74ALS2541 Datasheet
135Kb / 5P
[Old version datasheet]   OCTAL LINE DRIVER/MOS DRIVEERS WITH 3-STATE OUTPUTS
SN74ALS2541 TI-SN74ALS2541 Datasheet
218Kb / 7P
[Old version datasheet]   OCTAL LINE DRIVER.MOS DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALS2541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS2540 TI-SN54ALS2540 Datasheet
135Kb / 5P
[Old version datasheet]   OCTAL LINE DRIVER/MOS DRIVEERS WITH 3-STATE OUTPUTS
SN74ALS2240 TI-SN74ALS2240 Datasheet
82Kb / 5P
[Old version datasheet]   OCTAL BUFFER AND LINE DRIVER/MOS DRIVER WITH 3-STATE OUTPUTS
SN74BCT2241 TI-SN74BCT2241_07 Datasheet
369Kb / 12P
[Old version datasheet]   OCTAL BUFFER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
SN74BCT2241 TI-SN74BCT2241 Datasheet
326Kb / 10P
[Old version datasheet]   OCTAL BUFFER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
SN64BCT2240 TI1-SN64BCT2240 Datasheet
88Kb / 5P
[Old version datasheet]   OCTAL BUFFER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
SN74BCT2245 TI-SN74BCT2245 Datasheet
335Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
SN64BCT2241 TI1-SN64BCT2241 Datasheet
87Kb / 5P
[Old version datasheet]   OCTAL BUFFER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
SN64BCT2244 TI1-SN64BCT2244 Datasheet
87Kb / 5P
[Old version datasheet]   OCTAL BUFFER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com