Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTE3005AQ6 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # KTE3005AQ6
Description  OEM pressure transmitters for industrial media
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

KTE3005AQ6 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  KTE3005AQ6 Datasheet HTML 1Page - Sensortechnics GmbH KTE3005AQ6 Datasheet HTML 2Page - Sensortechnics GmbH KTE3005AQ6 Datasheet HTML 3Page - Sensortechnics GmbH KTE3005AQ6 Datasheet HTML 4Page - Sensortechnics GmbH KTE3005AQ6 Datasheet HTML 5Page - Sensortechnics GmbH KTE3005AQ6 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KTE3000 / KTU3000 Series
OEM pressure transmitters for industrial media
1/6
December 2008 / 626
www.sensortechnics.com
FEATURES
· 0...-1 to 0...50 bar,
0...-15 to 0...750 psi
gage1 or absolute
· For many industrial gases and liquids
· 0...10 V, 0.5...4.5 V, 0...5 V, 1...6 V or
4...20 mA output
· Field interchangeable
· For industrial use
SPECIFICATIONS10,11
Maximum ratings
Supply voltage (reverse polarity protection)
KTx3...0
13...32 V
KTx3...6
9...32 V
KTx3...1, ...7
8...32 V
KTx3...42
7...32 V
Maximum load current
Source/Sink
1 mA
Temperature limits
Storage
-40...100°C
Operating
-25...85°C
Compensated
0...70°C
Humidity limits
0 - 95 %RH
Vibration (5 to 500 Hz)
10 g
RMS
Mechanical shock
50 g
Proof pressure3
2 x rated pressure
MEDIA COMPATIBILITY
Wetted materials:
PPS, ceramic Al
2O3 and NBR
8
Housing:
stainless steel 1.4404 (316L), protection class IP 65
(according to DIN EN 60529) respectively NEMA 4X1
ELECTRICAL CONNECTION
0...10 V, 0.5...4.5 V, 0...5 V, 1...6 V output
4... 20 mA output
+Vs
Vout
3
-Vs
2
Sensor
1
GND
V
13 (8, 9)...32 V
Internal connection
(do not connect)
Sensor
-Vs
2
3
L
V
R
GND
7...32 V
+Vs
N/C
1
Internal connection
(do not connect)


Similar Part No. - KTE3005AQ6

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
KTE6001AL0 SENSORTECHNICS-KTE6001AL0 Datasheet
122Kb / 6P
   OEM pressure transmitters for industrial media
KTE6001AL4 SENSORTECHNICS-KTE6001AL4 Datasheet
122Kb / 6P
   OEM pressure transmitters for industrial media
KTE6001AL6 SENSORTECHNICS-KTE6001AL6 Datasheet
122Kb / 6P
   OEM pressure transmitters for industrial media
KTE6001AL7 SENSORTECHNICS-KTE6001AL7 Datasheet
122Kb / 6P
   OEM pressure transmitters for industrial media
KTE6001AO0 SENSORTECHNICS-KTE6001AO0 Datasheet
122Kb / 6P
   OEM pressure transmitters for industrial media
More results

Similar Description - KTE3005AQ6

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTE8001GD0 SENSORTECHNICS-CTE8001GD0 Datasheet
244Kb / 6P
   OEM pressure transmitters for industrial media
CTEM9350GD0 SENSORTECHNICS-CTEM9350GD0 Datasheet
216Kb / 6P
   OEM pressure transmitters for industrial media
KTE6001GL0 SENSORTECHNICS-KTE6001GL0 Datasheet
122Kb / 6P
   OEM pressure transmitters for industrial media
logo
EPCOS
MINICELL EPCOS-MINICELL Datasheet
65Kb / 7P
   Pressure sensors Media-separated pressure transmitters (voltage output)
logo
KELLER Druckmesstechnik...
4LC KELLER-4LC Datasheet
498Kb / 2P
   Piezoresistive OEM Pressure Transmitters -40…150 °C, with embedded signal conditioning
11/2015
logo
Sensortechnics GmbH
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
   Pressure transmitters for oxygen applications
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
   Pressure transmitters
logo
EPCOS
ASRSERIES EPCOS-ASRSERIES Datasheet
398Kb / 16P
   Gauge pressure transmitters for SMT
logo
Sensortechnics GmbH
OXYPROOF-K SENSORTECHNICS-OXYPROOF-K Datasheet
76Kb / 5P
   Pressure transmitters for oxygen applications
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
   Barometric pressure transmitters for SMT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com