Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTE3002AQ7 Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # KTE3002AQ7
Description  OEM pressure transmitters for industrial media
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

KTE3002AQ7 Datasheet(HTML) 2 Page - Sensortechnics GmbH

  KTE3002AQ7 Datasheet HTML 1Page - Sensortechnics GmbH KTE3002AQ7 Datasheet HTML 2Page - Sensortechnics GmbH KTE3002AQ7 Datasheet HTML 3Page - Sensortechnics GmbH KTE3002AQ7 Datasheet HTML 4Page - Sensortechnics GmbH KTE3002AQ7 Datasheet HTML 5Page - Sensortechnics GmbH KTE3002AQ7 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KTE3000 / KTU3000 Series
OEM pressure transmitters for industrial media
2/6
December 2008 / 626
www.sensortechnics.com
COMMON PERFORMANCE CHARACTERISTICS
(V
S = 15 V, RL > 100 kΩ, tamb = 25°C)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
O.
.
.
1
0
0
3
E
T
K
.
.
.
G
1
0
N
3
E
T
K
.
.
.
G
1
0
P
3
E
T
K
.
.
.
2
0
0
3
E
T
K
.
.
.
5
0
0
3
E
T
K
.
.
.
0
1
0
3
E
T
K
.
.
.
6
1
0
3
E
T
K
.
.
.
0
2
0
3
E
T
K
.
.
.
5
2
0
3
E
T
K
.
.
.
5
3
0
3
E
T
K
.
.
.
0
5
0
3
E
T
K
0
1
-
1
-
0
0
0
0
0
0
0
0
1
1
0
2
5
0
1
6
1
0
2
5
2
5
3
0
5
r
a
b
.
.
.
5
1
0
3
U
T
K
.
.
.
G
5
1
N
3
U
T
K
.
.
.
G
5
1
P
3
U
T
K
.
.
.
0
3
0
3
U
T
K
.
.
.
0
5
0
3
U
T
K
.
.
.
0
0
1
3
U
T
K
.
.
.
0
0
2
3
U
T
K
.
.
.
0
0
3
3
U
T
K
.
.
.
0
0
5
3
U
T
K
.
.
.
0
5
7
3
U
T
K
0
5
1
-
5
1
-
0
0
0
0
0
0
0
5
1
5
1
0
0
3
0
5
0
0
1
0
0
2
0
0
3
0
0
5
0
5
7
i
s
p
s
t
c
e
f
f
e
l
a
m
r
e
h
T
)
C
°
0
7
.
.
.
0
(
4
t
e
s
f
f
O
n
a
p
S
2
0
.
0
2
0
.
0
5
0
.
0
5
0
.
0
C
°
/
O
S
F
%
s
t
c
e
f
f
e
l
a
m
r
e
h
T
)
C
°
5
8
.
.
.
0
7
,
C
°
0
.
.
.
5
2
-
(
t
e
s
f
f
O
n
a
p
S
3
0
.
0
3
0
.
0
)
L
S
B
(
s
i
s
e
r
e
t
s
y
h
,
y
t
i
r
a
e
n
il
-
n
o
Na
y
t
il
i
b
a
t
a
e
p
e
r
d
n
5
1
.
0
±3
.
0
±
O
S
F
%
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
6
3
.
0
±
)
z
H
k
1
<
f
<
0
(
e
s
i
o
n
t
u
p
t
u
O
4
0
.
0
±
)
%
0
9
o
t
0
1
(
e
m
i
t
e
s
n
o
p
s
e
R
15
s
m
n
o
i
t
c
e
j
e
r
y
l
p
p
u
s
r
e
w
o
P
5
0
0
.
0
V
/
O
S
F
%
Specification notes:
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
11.
IP 65 protection is given when the connector is locked with a rubber washer. For proper function the gage port is vented to
the atmosphere through the connector/cable assembly. Thus the cable end must have access to the ambient pressure.
The minimum supply voltage is directly proportional to the load resistance seen by the transmitter. For more details see the
load limitation diagram.
Proof pressure is the maximum pressure which may be applied without causing damage to the sensing element.
Thermal effects tested and guaranteed from 0 to 70°C relative to 25°C. All specifications shown are relative to 25°C.
Non-linearity refers to the Best Straight Line fit measured for offset, full scale span and 1/2 full scale span.
Long term stability is the change in output after one year or 1 million pressure cycles.
Span is the arithmetic difference in transmitter output signal measured at zero pressure and the maximum operating pressure.
Other sealing materials are available on request.
Test are in accordance with EN61000-6-2, April 1999.
CE-labelling is in accordance with 89/336/EEC.
The pressure transmitters must not be used as safety accessories according to article 1, 2.1.3 of the directive 97/23/EC.


Similar Part No. - KTE3002AQ7

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
KTE6001AL0 SENSORTECHNICS-KTE6001AL0 Datasheet
122Kb / 6P
   OEM pressure transmitters for industrial media
KTE6001AL4 SENSORTECHNICS-KTE6001AL4 Datasheet
122Kb / 6P
   OEM pressure transmitters for industrial media
KTE6001AL6 SENSORTECHNICS-KTE6001AL6 Datasheet
122Kb / 6P
   OEM pressure transmitters for industrial media
KTE6001AL7 SENSORTECHNICS-KTE6001AL7 Datasheet
122Kb / 6P
   OEM pressure transmitters for industrial media
KTE6001AO0 SENSORTECHNICS-KTE6001AO0 Datasheet
122Kb / 6P
   OEM pressure transmitters for industrial media
More results

Similar Description - KTE3002AQ7

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTE8001GD0 SENSORTECHNICS-CTE8001GD0 Datasheet
244Kb / 6P
   OEM pressure transmitters for industrial media
CTEM9350GD0 SENSORTECHNICS-CTEM9350GD0 Datasheet
216Kb / 6P
   OEM pressure transmitters for industrial media
KTE6001GL0 SENSORTECHNICS-KTE6001GL0 Datasheet
122Kb / 6P
   OEM pressure transmitters for industrial media
logo
EPCOS
MINICELL EPCOS-MINICELL Datasheet
65Kb / 7P
   Pressure sensors Media-separated pressure transmitters (voltage output)
logo
KELLER Druckmesstechnik...
4LC KELLER-4LC Datasheet
498Kb / 2P
   Piezoresistive OEM Pressure Transmitters -40…150 °C, with embedded signal conditioning
11/2015
logo
Sensortechnics GmbH
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
   Pressure transmitters for oxygen applications
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
   Pressure transmitters
logo
EPCOS
ASRSERIES EPCOS-ASRSERIES Datasheet
398Kb / 16P
   Gauge pressure transmitters for SMT
logo
Sensortechnics GmbH
OXYPROOF-K SENSORTECHNICS-OXYPROOF-K Datasheet
76Kb / 5P
   Pressure transmitters for oxygen applications
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
   Barometric pressure transmitters for SMT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com