Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTU3001GQ0 Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # KTU3001GQ0
Description  OEM pressure transmitters for industrial media
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

KTU3001GQ0 Datasheet(HTML) 4 Page - Sensortechnics GmbH

  KTU3001GQ0 Datasheet HTML 1Page - Sensortechnics GmbH KTU3001GQ0 Datasheet HTML 2Page - Sensortechnics GmbH KTU3001GQ0 Datasheet HTML 3Page - Sensortechnics GmbH KTU3001GQ0 Datasheet HTML 4Page - Sensortechnics GmbH KTU3001GQ0 Datasheet HTML 5Page - Sensortechnics GmbH KTU3001GQ0 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KTE3000 / KTU3000 Series
OEM pressure transmitters for industrial media
4/6
December 2008 / 626
www.sensortechnics.com
0...10 V output version
0.5...4.5 V output version
0...5 V output version
1...6 V output version
operating pressure
KTx3P...
-40
-100 -80 -60
-20
0 +20
2
1
4
3
Vout
V
6
5
8
7
KTx3N...
10
9
+100
+40 +60 +80
%
all other
operating pressure
-100
2
1
4
3
-40
-80 -60
-20 0 +20
6
5
8
7
10
9
+100
+40 +60 +80
%
Vout
V
KTx3P...
all other
KTx3N...
OUTPUT CHARACTERISTICS
4...20 mA output version
operating pressure
-100
4
2
8
6
-40
-80 -60
-20 0 +20
14
12
10
16
20
18
+100
+80
+40 +60
%
Iout
mA
KTx3N...
KTx3P...
all other
operating pressure
KTx3P...
-40
-100 -80 -60
-20
0 +20
2
1
4
3
Vout
V
6
5
8
7
KTx3N...
10
9
+100
+40 +60 +80
%
all other
operating pressure
KTx3P...
-40
-100 -80 -60
-20
0 +20
2
1
4
3
Vout
V
6
5
8
7
KTx3N...
10
9
+100
+40 +60 +80
%
all other


Similar Part No. - KTU3001GQ0

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
KTU EATON-KTU Datasheet
664Kb / 4P
   Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
logo
Cooper Bussmann, Inc.
KTU-1000 COOPER-KTU-1000 Datasheet
664Kb / 4P
   Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
logo
Eaton All Rights Reserv...
KTU-1000 EATON-KTU-1000 Datasheet
664Kb / 4P
   Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
logo
Cooper Bussmann, Inc.
KTU-1100 COOPER-KTU-1100 Datasheet
664Kb / 4P
   Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
logo
Eaton All Rights Reserv...
KTU-1100 EATON-KTU-1100 Datasheet
664Kb / 4P
   Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
More results

Similar Description - KTU3001GQ0

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTE8001GD0 SENSORTECHNICS-CTE8001GD0 Datasheet
244Kb / 6P
   OEM pressure transmitters for industrial media
CTEM9350GD0 SENSORTECHNICS-CTEM9350GD0 Datasheet
216Kb / 6P
   OEM pressure transmitters for industrial media
KTE6001GL0 SENSORTECHNICS-KTE6001GL0 Datasheet
122Kb / 6P
   OEM pressure transmitters for industrial media
logo
EPCOS
MINICELL EPCOS-MINICELL Datasheet
65Kb / 7P
   Pressure sensors Media-separated pressure transmitters (voltage output)
logo
KELLER Druckmesstechnik...
4LC KELLER-4LC Datasheet
498Kb / 2P
   Piezoresistive OEM Pressure Transmitters -40…150 °C, with embedded signal conditioning
11/2015
logo
Sensortechnics GmbH
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
   Pressure transmitters for oxygen applications
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
   Pressure transmitters
logo
EPCOS
ASRSERIES EPCOS-ASRSERIES Datasheet
398Kb / 16P
   Gauge pressure transmitters for SMT
logo
Sensortechnics GmbH
OXYPROOF-K SENSORTECHNICS-OXYPROOF-K Datasheet
76Kb / 5P
   Pressure transmitters for oxygen applications
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
   Barometric pressure transmitters for SMT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com