Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDI0811GBE8P3 Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # HDI0811GBE8P3
Description  Amplified pressure sensors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HDI0811GBE8P3 Datasheet(HTML) 3 Page - Sensortechnics GmbH

  HDI0811GBE8P3 Datasheet HTML 1Page - Sensortechnics GmbH HDI0811GBE8P3 Datasheet HTML 2Page - Sensortechnics GmbH HDI0811GBE8P3 Datasheet HTML 3Page - Sensortechnics GmbH HDI0811GBE8P3 Datasheet HTML 4Page - Sensortechnics GmbH HDI0811GBE8P3 Datasheet HTML 5Page - Sensortechnics GmbH HDI0811GBE8P3 Datasheet HTML 6Page - Sensortechnics GmbH HDI0811GBE8P3 Datasheet HTML 7Page - Sensortechnics GmbH HDI0811GBE8P3 Datasheet HTML 8Page - Sensortechnics GmbH HDI0811GBE8P3 Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HDI Series
Amplified pressure sensors
3/11
E / 11650 / A
www.sensortechnics.com
PERFORMANCE CHARACTERISTICS
(V
S = 5.0 VDC, TA = 25°C, analog output signal is ratiometric to VS, digital output signal is not ratiometric to VS)
All HDI...U...P5 (unidirectional devices)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
C
I
T
S
I
R
E
T
C
A
R
A
H
C
E
C
N
A
M
R
O
F
R
E
P
E
U
G
O
L
A
N
A
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z8
4
.
00
5
.
02
5
.
0
V
)
S
S
F
(
n
a
p
s
e
l
a
c
s
ll
u
F
3
0
0
.
4
t
u
p
t
u
o
e
l
a
c
s
ll
u
F8
4
.
40
5
.
42
5
.
4
C
I
T
S
I
R
E
T
C
A
R
A
H
C
E
C
N
A
M
R
O
F
R
E
P
L
A
T
I
G
I
D
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z6
4
1
37
7
2
38
0
4
3
s
t
n
u
o
c
)
S
S
F
(
n
a
p
s
e
l
a
c
s
ll
u
F
3
4
1
2
6
2
t
u
p
t
u
o
e
l
a
c
s
ll
u
F9
5
3
9
20
9
4
9
21
2
6
9
2
All HDI...B...P5 (bidirectional devices)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
C
I
T
S
I
R
E
T
C
A
R
A
H
C
E
C
N
A
M
R
O
F
R
E
P
E
U
G
O
L
A
N
A
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z8
4
.
20
5
.
22
5
.
2
V
)
S
S
F
(
n
a
p
s
e
l
a
c
s
ll
u
F
3
0
0
.
4
t
u
p
t
u
Oe
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
.
x
a
m
t
a8
4
.
40
5
.
42
5
.
4
e
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
.
n
i
m
t
a8
4
.
00
5
.
02
5
.
0
C
I
T
S
I
R
E
T
C
A
R
A
H
C
E
C
N
A
M
R
O
F
R
E
P
L
A
T
I
G
I
D
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z2
5
2
6
14
8
3
6
15
1
5
6
1
s
t
n
u
o
c
)
S
S
F
(
n
a
p
s
e
l
a
c
s
ll
u
F
3
4
1
2
6
2
t
u
p
t
u
Oe
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
.
x
a
m
t
a9
5
3
9
20
9
4
9
21
2
6
9
2
e
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
.
n
i
m
t
a6
4
1
37
7
2
38
0
4
3
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
)
C
°
5
8
.
.
.
0
(
y
c
a
r
u
c
c
a
l
a
t
o
T
4
s
e
c
i
v
e
d
c
i
r
t
e
m
o
r
a
b
ll
a0
.
1
±
S
S
F
%
s
e
c
i
v
e
d
r
e
h
t
o
ll
a5
.
0
±
y
a
l
e
d
e
s
n
o
p
s
e
R
7
,
6
5
.
0s
m
n
o
i
t
u
l
o
s
e
r
D
/
A
7
2
1
t
i
b
n
o
i
t
u
l
o
s
e
r
A
/
D
1
1
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
C
8
5A
m
All HDI...P5 devices (Prime Grade, V
S = 5.0)
All HDI...R...P5 (barometric devices)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
C
I
T
S
I
R
E
T
C
A
R
A
H
C
E
C
N
A
M
R
O
F
R
E
P
E
U
G
O
L
A
N
A
e
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
.
n
i
m
t
a
t
u
p
t
u
O6
4
.
00
5
.
04
5
.
0
V
)
S
S
F
(
n
a
p
s
e
l
a
c
s
ll
u
F
3
0
0
.
4
t
u
p
t
u
o
e
l
a
c
s
ll
u
F6
4
.
40
5
.
44
5
.
4
C
I
T
S
I
R
E
T
C
A
R
A
H
C
E
C
N
A
M
R
O
F
R
E
P
L
A
T
I
G
I
D
e
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
.
n
i
m
t
a
t
u
p
t
u
O5
1
0
37
7
2
39
3
5
3
s
t
n
u
o
c
)
S
S
F
(
n
a
p
s
e
l
a
c
s
ll
u
F
3
4
1
2
6
2
t
u
p
t
u
o
e
l
a
c
s
ll
u
F8
2
2
9
20
9
4
9
22
5
7
9
2


Similar Part No. - HDI0811GBE8P3

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HDI0811AR SENSORTECHNICS-HDI0811AR Datasheet
495Kb / 9P
   Amplified pressure sensors
More results

Similar Description - HDI0811GBE8P3

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0032 ASC-DS-0032 Datasheet
241Kb / 3P
   AMPLIFIED Pressure Sensors
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
HMAM100U SENSORTECHNICS-HMAM100U Datasheet
381Kb / 15P
   Amplified pressure sensors
logo
All Sensors Corporation
442-1022-ND ASC-442-1022-ND Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
10INCH-G-4V ASC-10INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-00283 ASC-DS-00283 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
logo
Sensortechnics GmbH
HCE0611ABE8P3 SENSORTECHNICS-HCE0611ABE8P3 Datasheet
148Kb / 11P
   Miniature amplified pressure sensors
logo
All Sensors Corporation
1INCH-D-4V ASC-1INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-0028 ASC-DS-0028 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
DS-0029 ASC-DS-0029 Datasheet
256Kb / 6P
   Amplified Middle Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com