Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OLP01B0F3 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # OLP01B0F3
Description  Polysulphone optical liquid level switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

OLP01B0F3 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  OLP01B0F3 Datasheet HTML 1Page - Sensortechnics GmbH OLP01B0F3 Datasheet HTML 2Page - Sensortechnics GmbH OLP01B0F3 Datasheet HTML 3Page - Sensortechnics GmbH OLP01B0F3 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OLP Series
Polysulphone optical liquid level switches
1/4
September 2008 / 635
www.sensortechnics.com
FEATURES
· Solid state technology,
no moving parts
· Miniature size, easy to install
· Basic, TTL compatibleor transistor
output versions
· 10, 250 or 500 mA output current
· Polysulphone housings
· High media compatibility
· Fast response, electrically robust
WETTED MATERIALS
Tip and housing: Polysulphone
SPECIFICATIONS
Maximum ratings
Supply voltage
OLP01...
5...12 V
OLP25X...
5...16 V
OLP25U...
10...28 V
OLP50...
10...40 V
Supply current
OLP01..., OLP25...
15 mA
OLP50...
25 mA
Output current
OLP01...*
10 mA
OLP25...
250 mA
OLP50...
500 mA
Operating temperature range
OLP01..., OLP50...
-25 to 80°C
OLP25...
-40 to 125°C
Pressure range
OLP...F
20 bar
all others
7 bar
Protection class
IP 67
* 10 mA sink current, source current depends on V
S and RL
ELECTRICAL CONNECTION
Blue
Green
Red
+V
Output
GND
S
Note: For basic sensor
versions (OLP01B...)
suitable resistors have
to be selected.
See details on page 3.


Similar Part No. - OLP01B0F3

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
OLPG4001 PANJIT-OLPG4001 Datasheet
98Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
OLPG4001S PANJIT-OLPG4001S Datasheet
98Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
OLPG4002 PANJIT-OLPG4002 Datasheet
98Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
OLPG4002S PANJIT-OLPG4002S Datasheet
98Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
OLPG4003 PANJIT-OLPG4003 Datasheet
98Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
More results

Similar Description - OLP01B0F3

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
OLT25X0L3 SENSORTECHNICS-OLT25X0L3 Datasheet
62Kb / 4P
   Trogamid optical liquid level switches
OLM01T0PS2D SENSORTECHNICS-OLM01T0PS2D Datasheet
73Kb / 3P
   High performance optical liquid level switches
logo
Magnetrol International...
B35-1B20-JGH MAGNETROL-B35-1B20-JGH Datasheet
1Mb / 36P
   Liquid Level Switches
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
   Liquid Level Switches
B74-1B20-8KQ MAGNETROL-B74-1B20-8KQ Datasheet
329Kb / 28P
   Liquid Level Switches
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
   Liquid Level Switches
logo
American Electronic Com...
DLN AEC-DLN Datasheet
206Kb / 1P
   Optical Liquid Level Sensors
D500A3 AEC-D500A3 Datasheet
115Kb / 1P
   Optical Liquid Level Sensors
D101 AEC-D101 Datasheet
190Kb / 1P
   Optical Liquid Level Sensors
D102 AEC-D102 Datasheet
227Kb / 1P
   Optical Liquid Level Sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com