Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTU3001GQ4 Datasheet(PDF) 6 Page - Sensortechnics GmbH

Part # KTU3001GQ4
Description  OEM pressure transmitters for industrial media
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

KTU3001GQ4 Datasheet(HTML) 6 Page - Sensortechnics GmbH

  KTU3001GQ4 Datasheet HTML 1Page - Sensortechnics GmbH KTU3001GQ4 Datasheet HTML 2Page - Sensortechnics GmbH KTU3001GQ4 Datasheet HTML 3Page - Sensortechnics GmbH KTU3001GQ4 Datasheet HTML 4Page - Sensortechnics GmbH KTU3001GQ4 Datasheet HTML 5Page - Sensortechnics GmbH KTU3001GQ4 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
KTE3000 / KTU3000 Series
OEM pressure transmitters for industrial media
6/6
December 2008 / 626
www.sensortechnics.com
KTx3
xxx
x
x
x
ORDERING INFORMATION
Output signal
0:
0...10 V
1:
1...6 V
4:
4...20 mA
6:
0.5...4.5 V
7:
0...5 V
Fitting size
Q: G 1/4" (1/4" BSP) male
Other fittings on special request
Pressure mode
G:
gage pressure1
A:
absolute pressure
KTE3000 series
KTU3000 series
001:
0 to 1 bar
015:
0 to 15 psi
N01:
-1 to +1 bar
N15:
-15 to +15 psi
P01:
-1 to 0 bar
P15:
-15 to 0 psi
002:
0 to 2 bar
030:
0 to 30 psi
005:
0 to 5 bar
050:
0 to 50 psi
010:
0 to 10 bar
100:
0 to 100 psi
016:
0 to 16 bar
200:
0 to 200 psi
020:
0 to 20 bar
300:
0 to 300 psi
025:
0 to 25 bar
500:
0 to 500 psi
035:
0 to 35 bar
750:
0 to 750 psi
050:
0 to 50 bar
E: bar calibration
U: psi calibration
ELECTROMAGNETIC CAPABILITY9
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Note:
Other pressure ranges and options are widely available.
Please contact your nearest Sensortechnics sales representative.
s
n
o
i
t
i
d
n
o
c
t
s
e
Tn
o
i
r
e
t
i
r
C
e
c
n
e
r
e
f
r
e
t
n
I
y
c
n
e
u
q
e
r
f
o
i
d
a
r
,
d
e
t
a
i
d
a
R
)
I
F
R
(
y
t
i
n
u
m
m
i
d
l
e
i
f
c
i
t
e
n
g
a
m
o
r
t
c
e
l
e
:
3
-
4
-
0
0
0
1
6
N
Ez
H
M
0
0
0
1
o
t
0
8
,
m
/
V
0
1
,
3
e
d
a
r
G
)
z
H
k
1
(
C
M
A
%
0
8
AO
S
F
%
1
<
/
t
n
e
i
s
n
a
r
t
t
s
a
f
l
a
c
i
r
t
c
e
l
E
)
T
F
E
(
y
t
i
n
u
m
m
i
t
s
r
u
b
:
4
-
4
-
0
0
0
1
6
N
EV
k
2
±
,
3
e
d
a
r
G
BO
S
F
%
1
<
y
t
i
n
u
m
m
i
e
g
r
a
h
c
s
i
d
c
i
t
a
t
s
o
r
t
c
e
l
E
)
D
S
E
(
t
s
e
t
:
2
-
4
-
0
0
0
1
6
N
Ee
g
r
a
h
c
s
i
d
t
c
a
t
n
o
c
,
V
k
8
±
,
4
e
d
a
r
G
BO
S
F
%
1
<
s
e
c
n
a
b
r
u
t
s
i
d
d
e
t
c
u
d
n
o
c
o
t
y
t
i
n
u
m
m
I
s
d
l
e
i
f
y
c
n
e
u
q
e
r
f
-
o
i
d
a
r
y
b
d
e
c
u
d
n
i
:
6
-
4
-
0
0
0
1
6
N
Ez
H
M
0
8
o
t
5
1
.
0
,
3
e
d
a
r
G
)
z
H
k
1
(
C
M
A
%
0
8
,
V
0
1
AO
S
F
%
1
<


Similar Part No. - KTU3001GQ4

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
KTU EATON-KTU Datasheet
664Kb / 4P
   Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
logo
Cooper Bussmann, Inc.
KTU-1000 COOPER-KTU-1000 Datasheet
664Kb / 4P
   Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
logo
Eaton All Rights Reserv...
KTU-1000 EATON-KTU-1000 Datasheet
664Kb / 4P
   Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
logo
Cooper Bussmann, Inc.
KTU-1100 COOPER-KTU-1100 Datasheet
664Kb / 4P
   Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
logo
Eaton All Rights Reserv...
KTU-1100 EATON-KTU-1100 Datasheet
664Kb / 4P
   Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
More results

Similar Description - KTU3001GQ4

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTE8001GD0 SENSORTECHNICS-CTE8001GD0 Datasheet
244Kb / 6P
   OEM pressure transmitters for industrial media
CTEM9350GD0 SENSORTECHNICS-CTEM9350GD0 Datasheet
216Kb / 6P
   OEM pressure transmitters for industrial media
KTE6001GL0 SENSORTECHNICS-KTE6001GL0 Datasheet
122Kb / 6P
   OEM pressure transmitters for industrial media
logo
EPCOS
MINICELL EPCOS-MINICELL Datasheet
65Kb / 7P
   Pressure sensors Media-separated pressure transmitters (voltage output)
logo
KELLER Druckmesstechnik...
4LC KELLER-4LC Datasheet
498Kb / 2P
   Piezoresistive OEM Pressure Transmitters -40…150 °C, with embedded signal conditioning
11/2015
logo
Sensortechnics GmbH
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
   Pressure transmitters for oxygen applications
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
   Pressure transmitters
logo
EPCOS
ASRSERIES EPCOS-ASRSERIES Datasheet
398Kb / 16P
   Gauge pressure transmitters for SMT
logo
Sensortechnics GmbH
OXYPROOF-K SENSORTECHNICS-OXYPROOF-K Datasheet
76Kb / 5P
   Pressure transmitters for oxygen applications
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
   Barometric pressure transmitters for SMT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com