Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS621A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALS621A
Description  OCTAL BUS TRANSCEIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS621A Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74ALS621A Datasheet HTML 3Page - Texas Instruments SN74ALS621A Datasheet HTML 4Page - Texas Instruments SN74ALS621A Datasheet HTML 5Page - Texas Instruments SN74ALS621A Datasheet HTML 6Page - Texas Instruments SN74ALS621A Datasheet HTML 7Page - Texas Instruments SN74ALS621A Datasheet HTML 8Page - Texas Instruments SN74ALS621A Datasheet HTML 9Page - Texas Instruments SN74ALS621A Datasheet HTML 10Page - Texas Instruments SN74ALS621A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SN74ALS620A, SN74ALS621A, SN74ALS623A, SN74AS623
OCTAL BUS TRANSCEIVERS
SDAS226A – DECEMBER 1982 – REVISED JANUARY 1995
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI: All inputs
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I/O ports
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN74AS623
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
SN74AS623
UNIT
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–15
mA
IOL
Low-level output current
64
mA
TA
Operating free-air temperature
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN74AS623
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
V
VCC = 4.5 V to 5.5 V,
IOH = – 2 mA
VCC –2
VOH
VCC =4 5V
IOH = – 3 mA
2.4
3.2
V
VCC = 4.5 V
IOH = – 15 mA
2
VOL
VCC = 4.5 V,
IOL = 64 mA
0.35
0.55
V
II
Control inputs
VCC =5 5V
VI = 7 V
0.1
mA
II
A or B ports
VCC = 5.5 V
VI = 5.5 V
0.1
mA
IIH
Control inputs
VCC =5 5V
VI =2 7V
20
µA
IIH
A or B ports§
VCC = 5.5 V,
VI = 2.7 V
70
µA
IIL
Control inputs
VCC =5 5V
VI =0 4V
– 0.5
mA
IIL
A or B ports§
VCC = 5.5 V,
VI = 0.4 V
– 0.75
mA
IO¶
VCC = 5.5 V,
VO = 2.25 V
–30
– 150
mA
Outputs high
57
93
ICC
VCC = 5.5 V
Outputs low
16
189
mA
Outputs disabled
71
116
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ For I/O ports, the parameters IIH and IIL include the off-state output current.
¶ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.


Similar Part No. - SN74ALS621A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS621A TI1-SN74ALS621A Datasheet
1Mb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS621A-1 TI1-SN74ALS621A-1 Datasheet
1Mb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS621A-1N TI1-SN74ALS621A-1N Datasheet
1Mb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS621ADW TI-SN74ALS621ADW Datasheet
477Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER
SN74ALS621ADW TI1-SN74ALS621ADW Datasheet
1Mb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
More results

Similar Description - SN74ALS621A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT245 TI-SN54BCT245_07 Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
logo
Fairchild Semiconductor
DM74ALS645A FAIRCHILD-DM74ALS645A Datasheet
47Kb / 4P
   Octal Bus Transceivers
logo
Texas Instruments
SN54LS620 TI1-SN54LS620_09 Datasheet
511Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Motorola, Inc
SN54LS640 MOTOROLA-SN54LS640 Datasheet
118Kb / 3P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS620 TI-SN54LS620 Datasheet
284Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74HC245 UTC-U74HC245_15 Datasheet
238Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS638_1999 TI1-SN54LS638_1999 Datasheet
205Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS638A TI-SN74ALS638A Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74AHC245 UTC-U74AHC245_15 Datasheet
227Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54ALS245A TI1-SN54ALS245A_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com