Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-FL7600UWC Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-FL7600UWC
Description  SUPER FLUX LED LAMP, 4PIN LED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-FL7600UWC Datasheet(HTML) 3 Page - BetLux Electronics

  BL-FL7600UWC Datasheet HTML 1Page - BetLux Electronics BL-FL7600UWC Datasheet HTML 2Page - BetLux Electronics BL-FL7600UWC Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.betlux.com
SUPER FLUX LED LAMP, 4PIN LED
BL-FL7600xx
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 3 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Typical electrical-optical characteristics curves:
1.0
0.5
0
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
(A)
(B)
(C)
(D)
(2)
(3)
(8)
(4)
(1) (6)
(5)
(9)
(10)
Wavelength(nm)
RELATIVE INTENSITY Vs WAVELENGTH(
)
p
(1) - GaAsP/GaAs 655nm/Red
(2) - GaP 570nm/Yellow Green
(3) - GaAsP/GaP 585nm/Yellow
(4) - GaAsp/GaP 635nm/Orange & Hi-Eff Red
(5) - GaP 700nm/Bright Red
(6) - GaAlAs/GaAs 660nm/Super Red
(8) - GaAsP/GaP 610nm/Super Red
(9) - GaAlAs 880nm
(10) - GaAs/GaAs & GaAlAs/GaAs 940nm
(A) - GaN/SiC 430nm/Blue
(B) - InGaN/SiC 470nm/Blue
(C) -
(D) -
InGaN/SiC 505nm/Ultra Green
InGaAl/SiC 525nm/Ultra Green
50
40
30
20
10
0
1.2
1.6
2.0
2.4
2.6
3.0
1
6
3
4 5
2
8
4.0
3.0
2.0
1.0
0
20
40
60
80
100
1
5
B
50
40
30
20
10
0
20
40
60
80
100
1
6
2,4,8,A
3
5
3
2
1
0.5
0.2
0.1
-30
-20
-10
0
10
20
30
40
50
60
70
1
5
4
2
3
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
10KHz
3KHz
1KHz
300KHz
100KHz F-REFRESH RATE
100KHz
30KHz
10KHz
3KHz
1KHz
300Hz
100Hz
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
FORWARD VOLTAGE (Vf)
FORWARD CURRENT VS.
FORWARD VOLTAGE
RELATIVE LUMINOUS
INTENSITY VS. FORWARD
CURRENT
AMBIENT TEMPERATURE Ta(
)
FORWARD CURRENT VS. AMBIENT
TEMPERATURE
tp-PULSE DURATION uS
(1,2,3,4,6,8,B.D.J.K)
NOTE:25
free air temperature unless otherwise specified
tp-PULSE DURATION uS
FORWARD CURRENT (mA)
AMBIENT TEMPERATURE Ta(
)
(5)


Similar Part No. - BL-FL7600UWC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-FL7600UWC BETLUX-BL-FL7600UWC Datasheet
229Kb / 4P
   SUPER FLUX LED LAMP, 4PIN LED
More results

Similar Description - BL-FL7600UWC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-FL7615URC BETLUX-BL-FL7615URC Datasheet
67Kb / 3P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7680URC BETLUX-BL-FL7680URC Datasheet
219Kb / 3P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7680XX BETLUX-BL-FL7680XX Datasheet
510Kb / 4P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7660XX BETLUX-BL-FL7660XX Datasheet
300Kb / 4P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7680RGBC BETLUX-BL-FL7680RGBC Datasheet
216Kb / 3P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7660URC BETLUX-BL-FL7660URC Datasheet
76Kb / 3P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7653XX BETLUX-BL-FL7653XX Datasheet
230Kb / 4P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7600XX BETLUX-BL-FL7600XX Datasheet
229Kb / 4P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7670XX BETLUX-BL-FL7670XX Datasheet
305Kb / 4P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7615XX BETLUX-BL-FL7615XX Datasheet
229Kb / 4P
   SUPER FLUX LED LAMP, 4PIN LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com