Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-13-DFB2.5-TD-SMU2 Datasheet(PDF) 5 Page - Source Photonics, Inc.

Part # C-13-DFB2.5-TD-SMU2
Description  1310 nm 2.5 MQW-DFB Laser Diode Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-DFB2.5-TD-SMU2 Datasheet(HTML) 5 Page - Source Photonics, Inc.

  C-13-DFB2.5-TD-SMU2 Datasheet HTML 1Page - Source Photonics, Inc. C-13-DFB2.5-TD-SMU2 Datasheet HTML 2Page - Source Photonics, Inc. C-13-DFB2.5-TD-SMU2 Datasheet HTML 3Page - Source Photonics, Inc. C-13-DFB2.5-TD-SMU2 Datasheet HTML 4Page - Source Photonics, Inc. C-13-DFB2.5-TD-SMU2 Datasheet HTML 5Page - Source Photonics, Inc. C-13-DFB2.5-TD-SMU2 Datasheet HTML 6Page - Source Photonics, Inc. C-13-DFB2.5-TD-SMU2 Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
1310 nm 2.5 MQW-DFB Laser Diode Module
C-13-DFB2.5-T/R/PX-SXXXX/XXX-X
Packaging Demension (TOSA)
2.5G DFB LD Module- TOSA
Part Number: C-13-DFB2.5-TX-SLCXX
Units in mm


Similar Part No. - C-13-DFB2.5-TD-SMU2

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-DFB2.5-TD-SMU2 SOURCE-C-13-DFB2.5-TD-SMU2 Datasheet
732Kb / 6P
   1310nm 2.5G MQW-DFB Laser Diode Module
More results

Similar Description - C-13-DFB2.5-TD-SMU2

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-DFBA-PB-SFC SOURCE-C-13-DFBA-PB-SFC Datasheet
485Kb / 3P
   Analog 1310 nm MQW-DFB Laser Diode Module
C-13-DFB10-TJ-SSC2I SOURCE-C-13-DFB10-TJ-SSC2I Datasheet
1Mb / 5P
   10Gbps 1310 nm MQW-DFB Laser Diode Module-TOSA
C-13-DFB10-TA-SSCMI SOURCE-C-13-DFB10-TA-SSCMI Datasheet
1Mb / 8P
   10Gbps 1310 nm MQW-DFB Laser Diode Module-TOSA
logo
Optoway Technology Inc
DL-3100S OPTOWAY-DL-3100S Datasheet
111Kb / 2P
   1310 nm DFB LASER DIODES 2.5 Gb/s MQW-DFB LASER DIODES
logo
California Eastern Labs
NX8304BE CEL-NX8304BE Datasheet
106Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
logo
Source Photonics, Inc.
C-13-DFB10-TJ-SLC2I SOURCE-C-13-DFB10-TJ-SLC2I Datasheet
653Kb / 3P
   10 Gbps 1310 nm MQW-DFB Laser Diode Module-TOSA
logo
California Eastern Labs
NX8300BE CEL-NX8300BE Datasheet
126Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
   1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
California Eastern Labs
NX8303BG CEL-NX8303BG Datasheet
99Kb / 4P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
logo
Source Photonics, Inc.
C-13-DFB10-TK-SSCMI-01 SOURCE-C-13-DFB10-TK-SSCMI-01 Datasheet
976Kb / 5P
   10Gbps 1310 nm MQW-DFB Laser Diode Module-Differential TOSA
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com