Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

003-0257-900 Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # 003-0257-900
Description  General purpose 2-way and 3-way soleniod valves
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

003-0257-900 Datasheet(HTML) 3 Page - Sensortechnics GmbH

  003-0257-900 Datasheet HTML 1Page - Sensortechnics GmbH 003-0257-900 Datasheet HTML 2Page - Sensortechnics GmbH 003-0257-900 Datasheet HTML 3Page - Sensortechnics GmbH 003-0257-900 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series 3
General purpose 2-way and 3-way soleniod valves
3/4
January 2007 / 272
www.sensortechnics.com
dimensions in inches (mm)
OUTLINE DRAWING
y
a
w
-
3
y
a
w
-
2
s
t
r
o
P
A
B
C
D
A
B
C
s
b
r
a
b
"
6
1
/
1)
2
.
7
4
(
6
8
.
1)
1
.
4
(
6
1
.
0)
9
.
4
2
(
8
9
.
0)
3
.
4
(
7
1
.
0)
9
.
2
4
(
9
6
.
1)
1
.
4
(
6
1
.
0
)
9
.
4
2
(
8
9
.
0
s
b
r
a
b
"
8
/
1)
6
.
1
5
(
3
0
.
2)
1
.
4
(
6
1
.
0)
2
.
9
2
(
5
1
.
1)
9
.
8
(
5
3
.
0)
9
.
2
4
(
9
6
.
1)
1
.
4
(
6
1
.
0
)
2
.
9
2
(
5
1
.
1
s
b
r
a
b
"
6
1
/
3)
1
.
4
5
(
3
1
.
2)
1
.
4
(
6
1
.
0)
5
.
3
3
(
2
3
.
1)
2
.
1
1
(
4
4
.
0)
9
.
2
4
(
9
6
.
1)
1
.
4
(
6
1
.
0
)
5
.
3
3
(
2
3
.
1
Dimensions
Ø 0.69
(17.4)
A
(NOM)
B
C
0.38
(9.7)
#4-40 UNC-2B x 0.20 (5.0 mm) min DP
D
Ø 0.69
(17.4)
A
(NOM)
B
C
Barbs for 1/8" (3.2 mm) I.D. tubing
2-way
3-way
N.O.
N.C.
COM
N.C.
COM


Similar Part No. - 003-0257-900

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
003-1000 HUAXINAN-003-1000 Datasheet
919Kb / 1P
   Low coil power consumption
logo
ITT Industries
003-1009-040519 ITT-003-1009-040519 Datasheet
786Kb / 5P
   TECHNICAL DATA Press-Fit Insulated Terminals
logo
TEKTRONIX, INC.
003-1896-XX TEKTRONIX-003-1896-XX Datasheet
516Kb / 10P
   P7600 Series TriMode??Probes
003-1934-XX TEKTRONIX-003-1934-XX Datasheet
516Kb / 10P
   P7600 Series TriMode??Probes
logo
ITT Industries
003-2003-040519 ITT-003-2003-040519 Datasheet
786Kb / 5P
   TECHNICAL DATA Press-Fit Insulated Terminals
More results

Similar Description - 003-0257-900

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
001-0017-900 SENSORTECHNICS-001-0017-900 Datasheet
74Kb / 3P
   Inert isolation soleniod valves
002-0017-900 SENSORTECHNICS-002-0017-900 Datasheet
76Kb / 3P
   Inert isolation soleniod valves
X103SFB SENSORTECHNICS-X103SFB Datasheet
91Kb / 4P
   8 mm switching soleniod valves
009-0100-900 SENSORTECHNICS-009-0100-900 Datasheet
188Kb / 5P
   High-performance media resistant soleniod valves
PULSE-VALVES-9-99 SENSORTECHNICS-PULSE-VALVES-9-99 Datasheet
99Kb / 3P
   High-performance media resistant soleniod valves
logo
Transcom, Inc.
TPD03-02G04S TRANSCOM-TPD03-02G04S Datasheet
84Kb / 1P
   2-4GHz 3-Way Power Divider
TPD03-02G18BS TRANSCOM-TPD03-02G18BS Datasheet
86Kb / 1P
   2-18GHz 3-Way Power Divider
TPD03-02G08S TRANSCOM-TPD03-02G08S Datasheet
86Kb / 1P
   2-8GHz 3-Way Power Divider
logo
Innovative Power Produc...
IPP-1141 IPP-IPP-1141 Datasheet
63Kb / 1P
   OUTLINE 2 WAY
IPP-1228 IPP-IPP-1228 Datasheet
63Kb / 1P
   OUTLINE 2-WAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com