Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L55AUGC Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-L55AUGC
Description  Square Type LED lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L55AUGC Datasheet(HTML) 3 Page - BetLux Electronics

  BL-L55AUGC Datasheet HTML 1Page - BetLux Electronics BL-L55AUGC Datasheet HTML 2Page - BetLux Electronics BL-L55AUGC Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.betlux.com
Square Type LED lamp
BL-L55
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 3 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Typical electrical-optical characteristics curves:
1.0
0.5
0
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
(A)
(B)
(C)
(D)
(2)
(3)
(8)
(4)
(1) (6)
(5)
(9)
(10)
Wavelength(nm)
RELATIVE INTENSITY Vs WAVELENGTH(
)
p
(1) - GaAsP/GaAs 655nm/Red
(2) - GaP 570nm/Yellow Green
(3) - GaAsP/GaP 585nm/Yellow
(4) - GaAsp/GaP 635nm/Orange & Hi-Eff Red
(5) - GaP 700nm/Bright Red
(6) - GaAlAs/GaAs 660nm/Super Red
(8) - GaAsP/GaP 610nm/Super Red
(9) - GaAlAs 880nm
(10) - GaAs/GaAs & GaAlAs/GaAs 940nm
(A) - GaN/SiC 430nm/Blue
(B) - InGaN/SiC 470nm/Blue
(C) -
(D) -
InGaN/SiC 505nm/Ultra Green
InGaAl/SiC 525nm/Ultra Green
50
40
30
20
10
0
1.2
1.6
2.0
2.4
2.6
3.0
1
6
3
4 5
2
8
4.0
3.0
2.0
1.0
0
20
40
60
80
100
1
5
B
50
40
30
20
10
0
20
40
60
80
100
1
6
2,4,8,A
3
5
3
2
1
0.5
0.2
0.1
-30
-20
-10
0
10
20
30
40
50
60
70
1
5
4
2
3
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
10KHz
3KHz
1KHz
300KHz
100KHz F-REFRESH RATE
100KHz
30KHz
10KHz
3KHz
1KHz
300Hz
100Hz
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
FORWARD VOLTAGE (Vf)
FORWARD CURRENT VS.
FORWARD VOLTAGE
RELATIVE LUMINOUS
INTENSITY VS. FORWARD
CURRENT
AMBIENT TEMPERATURE Ta(
)
FORWARD CURRENT VS. AMBIENT
TEMPERATURE
tp-PULSE DURATION uS
(1,2,3,4,6,8,B.D.J.K)
NOTE:25
free air temperature unless otherwise specified
tp-PULSE DURATION uS
FORWARD CURRENT (mA)
AMBIENT TEMPERATURE Ta(
)
(5)


Similar Part No. - BL-L55AUGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L55AUGC BETLUX-BL-L55AUGC Datasheet
230Kb / 4P
   5mm square type LED Lamps
More results

Similar Description - BL-L55AUGC

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
L809 MARKTECH-L809 Datasheet
140Kb / 1P
   8.0x8.0mm SQUARE TYPE LED LAMP MULTI COLOR
logo
Kingbright Corporation
W503GDT KINGBRIGHT-W503GDT Datasheet
71Kb / 3P
   5x5mm SQUARE TOP LED LAMP
W503YDT KINGBRIGHT-W503YDT Datasheet
71Kb / 3P
   5x5mm SQUARE TOP LED LAMP
WP1553EDT KINGBRIGHT-WP1553EDT Datasheet
75Kb / 3P
   5x5mm SQUARE TOP LED LAMP
WP503GDT KINGBRIGHT-WP503GDT_15 Datasheet
320Kb / 6P
   5x5mm SQUARE TOP LED LAMP
WP503YDT KINGBRIGHT-WP503YDT_15 Datasheet
320Kb / 6P
   5x5mm SQUARE TOP LED LAMP
WP1553GDT KINGBRIGHT-WP1553GDT Datasheet
73Kb / 3P
   5x5mm SQUARE TOP LED LAMP
WP1553HDT KINGBRIGHT-WP1553HDT Datasheet
73Kb / 3P
   5x5mm SQUARE TOP LED LAMP
WP1553SRDT KINGBRIGHT-WP1553SRDT Datasheet
81Kb / 3P
   5x5mm SQUARE TOP LED LAMP
W503IDT KINGBRIGHT-W503IDT Datasheet
72Kb / 3P
   5x5mm SQUARE TOP LED LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com