Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSC3005GJ Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # SSC3005GJ
Description  Temperature compensated silicon stainless steel pressure sensors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SSC3005GJ Datasheet(HTML) 1 Page - Sensortechnics GmbH

  SSC3005GJ Datasheet HTML 1Page - Sensortechnics GmbH SSC3005GJ Datasheet HTML 2Page - Sensortechnics GmbH SSC3005GJ Datasheet HTML 3Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SSC3000 Series
Temperature compensated silicon stainless steel pressure sensors
1/3
September 2004 / 029
www.sensortechnics.com
FEATURES
· 0...1 bar to 0...16 bar
absolute or gage
· For corrosive pressure media
· Excellent low temperature drift
· All welded stainless steel
diaphragm construction
· For hostile environments
SPECIFICATIONS
Maximum ratings
Supply current
Temperature limits
Storage
Operating
Compensated
Vibration (20 to 2000 Hz)
Mechanical shock (11 ms)
Proof pressure1
SSC3001...
SSC3002...
SSC3005...
SSC3016...
1.5 mA
-40 to 125°C
-40 to 125°C
0 to 70°C
10 g
RMS
100 g
2 bar
4 bar
13 bar
32 bar
SERVICE
Media wetted parts: any liquid or vapor that is
compatible with stainless steel 316 (1.4401)
SSC3000...A
SSC3000...H or J
ELECTRICAL CONNECTION
Scale:
1 cm
1 inch
1
+Vout
-Vs
3
-Vout
+Vs
4
2
2 3
1
4
2
1
3 4


Similar Part No. - SSC3005GJ

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SSC3S900 SANKEN-SSC3S900 Datasheet
1Mb / 32P
   Capacitive Mode Detection Function
SSC3S901 SANKEN-SSC3S901 Datasheet
1Mb / 32P
   Capacitive Mode Detection Function
SSC3S902 SANKEN-SSC3S902 Datasheet
1Mb / 32P
   Capacitive Mode Detection Function
SSC3S910 SANKEN-SSC3S910 Datasheet
1Mb / 31P
   LLC Current-Resonant Off-Line Switching Controller
SSC3S921 SANKEN-SSC3S921 Datasheet
1Mb / 28P
   LLC Current-Resonant Off-Line Switching Controller
More results

Similar Description - SSC3005GJ

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
SSC2035AA SENSORTECHNICS-SSC2035AA Datasheet
132Kb / 3P
   Temperature compensated silicon stainless steel pressure sensors
SSCM3175GA SENSORTECHNICS-SSCM3175GA Datasheet
118Kb / 2P
   Temperature compensated silicon stainless steel pressure sensors
SSC1001GA SENSORTECHNICS-SSC1001GA Datasheet
97Kb / 2P
   Temperature compensated silicon stainless steel pressure sensors
SSO-B001G8FH SENSORTECHNICS-SSO-B001G8FH Datasheet
79Kb / 6P
   Compensated stainless steel pressure sensors
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
   Stainless steel pressure sensors
logo
Honeywell Solid State E...
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
SSIB001-GU9AH5 SENSORTECHNICS-SSIB001-GU9AH5 Datasheet
106Kb / 7P
   Amplified stainless steel pressure sensors
logo
Honeywell Solid State E...
19CXXXPA1K HONEYWELL-19CXXXPA1K Datasheet
1Mb / 8P
   Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com