Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L324UEC Datasheet(PDF) 2 Page - BetLux Electronics

Part # BL-L324UEC
Description  Bullet Type LED lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L324UEC Datasheet(HTML) 2 Page - BetLux Electronics

  BL-L324UEC Datasheet HTML 1Page - BetLux Electronics BL-L324UEC Datasheet HTML 2Page - BetLux Electronics BL-L324UEC Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.betlux.com
Bullet Type LED lamp
BL-L324
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 2 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is
0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - BL-L324UEC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L324UEC BETLUX-BL-L324UEC Datasheet
231Kb / 4P
   3.0mm Round Bullet Type LED Lamps
More results

Similar Description - BL-L324UEC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L524UEC BETLUX-BL-L524UEC Datasheet
71Kb / 3P
   Bullet Type LED lamp
BL-L523SRC BETLUX-BL-L523SRC Datasheet
72Kb / 3P
   Bullet Type LED lamp
BL-L522SRC BETLUX-BL-L522SRC Datasheet
72Kb / 3P
   Bullet Type LED lamp
BL-L324 BETLUX-BL-L324 Datasheet
231Kb / 4P
   3.0mm Round Bullet Type LED Lamps
logo
OptoSupply Internationa...
OSXXDK6231A OPTOSUPPLY-OSXXDK6231A Datasheet
108Kb / 1P
   5mm Bullet LED
OSW4DK6231A OPTOSUPPLY-OSW4DK6231A Datasheet
108Kb / 1P
   5mm Bullet LED
logo
NTE Electronics
NTE30135 NTE-NTE30135 Datasheet
72Kb / 2P
   Super Bright LED Indicators 5mm, Bullet Head Type
logo
OptoSupply Internationa...
OSV5YL5201A OPTOSUPPLY-OSV5YL5201A Datasheet
177Kb / 1P
   5mm Bullet Violet LED
OSY5SA5201A OPTOSUPPLY-OSY5SA5201A Datasheet
96Kb / 1P
   5mm Bullet Yellow LED
OSR5SA5201A OPTOSUPPLY-OSR5SA5201A Datasheet
96Kb / 1P
   5mm Bullet Red LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com