Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L334URC Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-L334URC
Description  Cylindrical, Inverted Cone LED lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L334URC Datasheet(HTML) 3 Page - BetLux Electronics

  BL-L334URC Datasheet HTML 1Page - BetLux Electronics BL-L334URC Datasheet HTML 2Page - BetLux Electronics BL-L334URC Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.betlux.com
Cylindrical, Inverted Cone LED lamp
BL-L334
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 3 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Typical electrical-optical characteristics curves:
1.0
0.5
0
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
(A)
(B)
(C)
(D)
(2)
(3)
(8)
(4)
(1) (6)
(5)
(9)
(10)
Wavelength(nm)
RELATIVE INTENSITY Vs WAVELENGTH(
)
p
(1) - GaAsP/GaAs 655nm/Red
(2) - GaP 570nm/Yellow Green
(3) - GaAsP/GaP 585nm/Yellow
(4) - GaAsp/GaP 635nm/Orange & Hi-Eff Red
(5) - GaP 700nm/Bright Red
(6) - GaAlAs/GaAs 660nm/Super Red
(8) - GaAsP/GaP 610nm/Super Red
(9) - GaAlAs 880nm
(10) - GaAs/GaAs & GaAlAs/GaAs 940nm
(A) - GaN/SiC 430nm/Blue
(B) - InGaN/SiC 470nm/Blue
(C) -
(D) -
InGaN/SiC 505nm/Ultra Green
InGaAl/SiC 525nm/Ultra Green
50
40
30
20
10
0
1.2
1.6
2.0
2.4
2.6
3.0
1
6
3
4 5
2
8
4.0
3.0
2.0
1.0
0
20
40
60
80
100
1
5
B
50
40
30
20
10
0
20
40
60
80
100
1
6
2,4,8,A
3
5
3
2
1
0.5
0.2
0.1
-30
-20
-10
0
10
20
30
40
50
60
70
1
5
4
2
3
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
10KHz
3KHz
1KHz
300KHz
100KHz F-REFRESH RATE
100KHz
30KHz
10KHz
3KHz
1KHz
300Hz
100Hz
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
FORWARD VOLTAGE (Vf)
FORWARD CURRENT VS.
FORWARD VOLTAGE
RELATIVE LUMINOUS
INTENSITY VS. FORWARD
CURRENT
AMBIENT TEMPERATURE Ta(
)
FORWARD CURRENT VS. AMBIENT
TEMPERATURE
tp-PULSE DURATION uS
(1,2,3,4,6,8,B.D.J.K)
NOTE:25
free air temperature unless otherwise specified
tp-PULSE DURATION uS
FORWARD CURRENT (mA)
AMBIENT TEMPERATURE Ta(
)
(5)


Similar Part No. - BL-L334URC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L334URC BETLUX-BL-L334URC Datasheet
231Kb / 4P
   3.0mm Cylindrical, Inverted Cone LED lamp
More results

Similar Description - BL-L334URC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L333SRC BETLUX-BL-L333SRC Datasheet
72Kb / 3P
   Cylindrical, Inverted Cone LED lamp
BL-L532SRC BETLUX-BL-L532SRC Datasheet
71Kb / 3P
   Cylindrical, Inverted Cone LED lamp
BL-L333 BETLUX-BL-L333 Datasheet
231Kb / 4P
   3.0mm Cylindrical, Inverted Cone LED lamp
BL-L532 BETLUX-BL-L532 Datasheet
231Kb / 4P
   5mm Cylindrical, Inverted Cone LED lamp
BL-L334 BETLUX-BL-L334 Datasheet
231Kb / 4P
   3.0mm Cylindrical, Inverted Cone LED lamp
logo
Lucky Light Electronic
GB-473 LUCKY-LIGHT-GB-473 Datasheet
42Kb / 1P
   Cylindrical Type Inverted Cone LED Lamps (4.7mm)
GB-483 LUCKY-LIGHT-GB-483 Datasheet
42Kb / 1P
   Cylindrical Type Inverted Cone LED Lamps (3mm)
logo
BetLux Electronics
BL-FL7644 BETLUX-BL-FL7644 Datasheet
365Kb / 4P
   7.62*7.62*4.0MM, 4MM Cylindrical, Inverted Cone SUPER FLUX LED LAMP
logo
Sanken electric
SEL2013 SANKEN-SEL2013 Datasheet
29Kb / 1P
   3phi Inverted-cone LED for surface illumination
SEL1013 SANKEN-SEL1013 Datasheet
25Kb / 1P
   5phi Inverted-cone LED for surface illumination
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com