Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L344VC Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-L344VC
Description  Cylindrical LED lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L344VC Datasheet(HTML) 1 Page - BetLux Electronics

  BL-L344VC Datasheet HTML 1Page - BetLux Electronics BL-L344VC Datasheet HTML 2Page - BetLux Electronics BL-L344VC Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.betlux.com
Cylindrical LED lamp
BL-L344
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
3.0mm Cylindrical LED lamp
Ultra brightness.
Choice of various viewing angles.
Diffused, Transparent and Water clear lens are available.
IC compatible /Low current capability.
RoHs Compliance
Electrical-optical characteristics: (Ta=25
) (Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
λλλλP
(n
m)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2θ1/2(
deg)
BL-L344SRC
Hi Red
AlGaAs,SH
660
1.85
2.20
30
80
BL-L344LRC
Super Red
AlGaAs,DH
660
1.85
2.20
70
150
BL-L344URC
Ultra Red
AlGaAs,DDH
660
1.95
2.20
125
350
BL-L344UEC
Ultra Orange
AlGaInP
630
2.10
2.50
160
450
BL-L344UYC
Ultra Yellow
AlGaInP
590
2.10
2.50
160
450
BL-L344UGC
Ultra Green
AlGaInP
574
2.20
2.50
35
110
BL-L344PGC
Ultra Pure Green
InGaN
525
3.80
4.50
320
1100
BL-L344BGC
Ultra Bluish Green
InGaN
505
3.80
4.50
250
900
BL-L344BC
Blue
InGaN
430
3.80
4.50
420
900
BL-L344UBC
Ultra Blue
InGaN
470
2.70
4.20
550
1100
BL-L344VC
UV
InGaN
405
3.80
4.50
35
110
BL-L344UWC
Ultra White
InGaN
/
Water
Clear
2.70
4.20
300
1500
100
Absolute maximum ratings (Ta=25
)
Parameter
SR
LR
UR
UE
UY
UG
PG
BG
B
UB
UV
W
U
nit
Forward Current
IF
25
25
25
30
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
60
60
60
65
65
75
110
110
120
120
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
150
100
100
100
100
100
mA
Operation Temperature TOPR
-40 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Max.260
5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)


Similar Part No. - BL-L344VC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L344 BETLUX-BL-L344 Datasheet
230Kb / 4P
   3.0mm Cylindrical LED lamp
BL-L344LRC BETLUX-BL-L344LRC Datasheet
230Kb / 4P
   3.0mm Cylindrical LED lamp
BL-L344SRC BETLUX-BL-L344SRC Datasheet
230Kb / 4P
   3.0mm Cylindrical LED lamp
BL-L344UEC BETLUX-BL-L344UEC Datasheet
230Kb / 4P
   3.0mm Cylindrical LED lamp
BL-L344URC BETLUX-BL-L344URC Datasheet
230Kb / 4P
   3.0mm Cylindrical LED lamp
More results

Similar Description - BL-L344VC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L342SRC BETLUX-BL-L342SRC Datasheet
72Kb / 3P
   Cylindrical LED lamp
BL-L543SRC BETLUX-BL-L543SRC Datasheet
92Kb / 3P
   Cylindrical Type LED lamp
BL-L342 BETLUX-BL-L342 Datasheet
231Kb / 4P
   3.0mm Cylindrical LED lamp
logo
Kingbright Corporation
WP1413SRDT KINGBRIGHT-WP1413SRDT Datasheet
79Kb / 3P
   4mm CYLINDRICAL LED LAMP
WP1413HDT KINGBRIGHT-WP1413HDT Datasheet
71Kb / 3P
   4mm CYLINDRICAL LED LAMP
WP1413GDT KINGBRIGHT-WP1413GDT Datasheet
71Kb / 3P
   4mm CYLINDRICAL LED LAMP
WP1413IDT KINGBRIGHT-WP1413IDT Datasheet
76Kb / 3P
   4mm CYLINDRICAL LED LAMP
WP1413SGDL KINGBRIGHT-WP1413SGDL Datasheet
71Kb / 3P
   4mm CYLINDRICAL LED LAMP
WP1413YDT KINGBRIGHT-WP1413YDT Datasheet
73Kb / 3P
   4mm CYLINDRICAL LED LAMP
WP1413ITL KINGBRIGHT-WP1413ITL Datasheet
75Kb / 3P
   4mm CYLINDRICAL LED LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com