Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T2-06 Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # T2-06
Description  High flow, compact diaphragm pumps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

T2-06 Datasheet(HTML) 2 Page - Sensortechnics GmbH

  T2-06 Datasheet HTML 1Page - Sensortechnics GmbH T2-06 Datasheet HTML 2Page - Sensortechnics GmbH T2-06 Datasheet HTML 3Page - Sensortechnics GmbH T2-06 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
T2-06
High flow, compact diaphragm pumps
2/4
August 2007 / 258
www.sensortechnics.com
.
o
n
t
r
a
Pw
o
l
f
.
x
a
M
e
r
u
s
s
e
r
p
.
x
a
M
m
u
u
c
a
v
.
x
a
M
t
n
e
t
t
i
m
r
e
t
n
is
u
o
u
n
i
t
n
o
c
.
.
.
D
L
.
.
.
H
S
6
Tm
p
l
6
r
a
b
3
.
1
)
i
s
p
9
1
(
r
a
b
m
0
4
1
)
i
s
p
2
(
r
a
b
m
6
7
5
)
g
H
h
c
n
i
7
1
(
.
.
.
D
L
.
.
.
H
T
6
Tm
p
l
2
1
.
.
.
D
H
.
.
.
H
S
6
Tm
p
l
6
r
a
b
3
.
1
)
i
s
p
9
1
(
.
.
.
D
H
.
.
.
H
T
6
Tm
p
l
2
1
PERFORMANCE CHARACTERISTICS
(Standard conditions: 22 °C (70 °F) and 14.7 psia)
FLOW CURVES
Single head
(T6SH...)
Twin head
(T6TH...)
Note: slpm denotes Standard Liters per Minute. It is a unit for the flow rate at standard conditions of temperature and pressure.


Similar Part No. - T2-06

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
T2-03 SENSORTECHNICS-T2-03 Datasheet
148Kb / 5P
   Miniature diaphragm pumps
T2-05 SENSORTECHNICS-T2-05 Datasheet
79Kb / 3P
   Miniature diaphragm pumps
More results

Similar Description - T2-06

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
T3CP-1HE-06-1SNB SENSORTECHNICS-T3CP-1HE-06-1SNB Datasheet
148Kb / 5P
   Miniature diaphragm pumps
T5-1HE-03-1EEB SENSORTECHNICS-T5-1HE-03-1EEB Datasheet
79Kb / 3P
   Miniature diaphragm pumps
logo
Fuji Electric
EDSX6-135H FUJI-EDSX6-135H Datasheet
294Kb / 8P
   DIFFERENTIAL PRESSURE (FLOW) TRANSMITTER Hydroseal짰 Diaphragm Version
EDSX6-107 FUJI-EDSX6-107 Datasheet
126Kb / 8P
   FCX ??AX SERIES FLOW TRANSMITTER Hydroseal짰 Diaphragm Version
EDS6-64A FUJI-EDS6-64A Datasheet
525Kb / 8P
   COMPACT ELECTROMAGNETIC FLOWMETER(COMPACT FLOW)
EDS6-61H FUJI-EDS6-61H Datasheet
471Kb / 8P
   COMPACT ELECTROMAGNETIC FLOWMETER(COMPACT FLOW)
EDS6-73G FUJI-EDS6-73G Datasheet
203Kb / 6P
   COMPACT ELECTROMAGNETIC FLOWMETER(COMPACT FLOW)
logo
CUI Devices
CPT-2064-L100 CUID-CPT-2064-L100 Datasheet
353Kb / 4P
   PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-2065-L100 CUID-CPT-2065-L100 Datasheet
311Kb / 4P
   PIEZOELECTRIC DIAPHRAGM
08/05/2022
logo
Vincotech
10-F1127PA025SC-L167E09 VINCOTECH-10-F1127PA025SC-L167E09 Datasheet
1Mb / 28P
   Compact Flow 1 housing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com