Electronic Components Datasheet Search
Selected language     English  ▼


SN74ALS990 Datasheet(PDF) 5 Page - Texas Instruments

Part No. SN74ALS990
Description  8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

   
 5 page
background image
SN74ALS990
8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SDAS027B – APRIL 1984 – REVISED JANUARY 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
LOAD CIRCUIT FOR Q OUTPUTS
From Output
Under Test
Test
Point
CL
(see Note A)
500
LOAD CIRCUIT FOR D OUTPUTS
From Output
Under Test
Test
Point
1 k
S1
CL
(see Note A)
7 V
1 k
1.3 V
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Timing
Input
Data
Input
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
High-Level
Pulse
Low-Level
Pulse
tw
VOLTAGE WAVEFORMS
PULSE DURATIONS
1.3 V
1.3 V
tPHZ
tPLZ
0.3 V
tPZL
tPZH
1.3 V
1.3 V
1.3 V
1.3 V
3.5 V
0.3 V
Output
Control
(low-level
enabling)
Waveform 1
S1 Closed
(see Note C)
Waveform 2
S1 Open
(see Note C)
[0 V
VOH
VOL
[3.5 V
0.3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS
tPHL
tPLH
tPLH
tPHL
Input
Out-of-Phase
Output
(see Note B)
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
3.5 V
0.3 V
VOL
VOH
VOH
VOL
In-Phase
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
NOTES: A. CL includes probe and jig capacitance.
B. When measuring propagation delay times of 3-state outputs, switch S1 is open.
C. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
D. All input pulses have the following characteristics: PRR
≤ 1 MHz, tr = tf = 2 ns, duty cycle = 50%.
Figure 1. Load Circuits and Voltage Waveforms




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN74ALS99410-BIT D-TYPE TRANSPARENT READ-BACK LATCH 1 2 3 4 5 MoreTexas Instruments
SN74ALS6668-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74ALVCH169738-BIT BUS TRANSCEIVER AND TRANSPARENT D-TYPE LATCH WITH FOUR INDEPENDENT BUFFERS 1 2 3 4 5 MoreTexas Instruments
SN74ALS9929-BIT D-TYPE TRANSPARENT READ-BACK LATCH WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
PI74FCT3573Fast CMOS 3.3V 8-Bit Transparent Latch 1 2 3 4 Pericom Semiconductor Corporation
74ABT573AOctal D-type transparent latch 3-State 1 2 3 4 5 MoreNXP Semiconductors
IN74LV573OCTAL D-TYPE TRANSPARENT LATCH 3-STATE 1 2 3 4 5 Integral Corp.
DM74AS533Octal D-Type Transparent Latch with TRI-STATE Outputs 1 2 3 4 National Semiconductor (TI)
PI74LPT573Fast CMOS 3.3V 8-Bit Transparent Latch 1 2 3 4 Pericom Semiconductor Corporation
74LVT5733.3V Octal D-type transparent latch 3-State 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl