Electronic Components Datasheet Search
Selected language     English  ▼


SN74ALS990 Datasheet(PDF) 1 Page - Texas Instruments

Part No. SN74ALS990
Description  8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

   
 1 page
background image
SN74ALS990
8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SDAS027B – APRIL 1984 – REVISED JANUARY 1995
Copyright
© 1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
3-State I/O-Type Read-Back Inputs
Bus-Structured Pinout
True Logic Outputs
Package Options Include Plastic
Small-Outline (DW) Packages and Standard
Plastic (N) 300-mil DIPs
description
This 8-bit latch is designed specifically for storing
the contents of the input data bus and providing
the capability of reading back the stored data onto
the input data bus.
The eight latches are transparent D-type latches.
While the latch-enable (LE) input is high, the
Q outputs follow the data (D) inputs.
Read back is provided through the output-enable (OERB) input. When OERB is taken low, the data present at
the output of the data latches is allowed to pass back onto the input data bus. When OERB is taken high, the
output of the data latches is isolated from the D inputs. OERB does not affect the internal operation of the latches;
however, precautions should be taken not to create a bus conflict.
The SN74ALS990 is characterized for operation from 0
°C to 70°C.
logic symbol
C1
11
LE
2D
3
3D
4
4D
5
5D
6
6D
7
7D
8
8D
9
5Q
15
6Q
14
7Q
13
8Q
12
2Q
18
3Q
17
4Q
16
1Q
19
1D
2
1D
EN2
1
OERB
2
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
DW OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OERB
1D
2D
3D
4D
5D
6D
7D
8D
GND
VCC
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
LE
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN74ALS99410-BIT D-TYPE TRANSPARENT READ-BACK LATCH 1 2 3 4 5 MoreTexas Instruments
SN74ALS6668-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74ALVCH169738-BIT BUS TRANSCEIVER AND TRANSPARENT D-TYPE LATCH WITH FOUR INDEPENDENT BUFFERS 1 2 3 4 5 MoreTexas Instruments
SN74ALS9929-BIT D-TYPE TRANSPARENT READ-BACK LATCH WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
PI74FCT3573Fast CMOS 3.3V 8-Bit Transparent Latch 1 2 3 4 Pericom Semiconductor Corporation
74ABT573AOctal D-type transparent latch 3-State 1 2 3 4 5 MoreNXP Semiconductors
IN74LV573OCTAL D-TYPE TRANSPARENT LATCH 3-STATE 1 2 3 4 5 Integral Corp.
DM74AS533Octal D-Type Transparent Latch with TRI-STATE Outputs 1 2 3 4 National Semiconductor (TI)
PI74LPT573Fast CMOS 3.3V 8-Bit Transparent Latch 1 2 3 4 Pericom Semiconductor Corporation
74LVT5733.3V Octal D-type transparent latch 3-State 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl