Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L543LRC Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-L543LRC
Description  Cylindrical Type LED lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L543LRC Datasheet(HTML) 3 Page - BetLux Electronics

  BL-L543LRC Datasheet HTML 1Page - BetLux Electronics BL-L543LRC Datasheet HTML 2Page - BetLux Electronics BL-L543LRC Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.betlux.com
Cylindrical Type LED lamp
BL-L542
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 3 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Typical electrical-optical characteristics curves:
1.0
0.5
0
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
(A)
(B)
(C)
(D)
(2)
(3)
(8)
(4)
(1) (6)
(5)
(9)
(10)
Wavelength(nm)
RELATIVE INTENSITY Vs WAVELENGTH(
)
p
(1) - GaAsP/GaAs 655nm/Red
(2) - GaP 570nm/Yellow Green
(3) - GaAsP/GaP 585nm/Yellow
(4) - GaAsp/GaP 635nm/Orange & Hi-Eff Red
(5) - GaP 700nm/Bright Red
(6) - GaAlAs/GaAs 660nm/Super Red
(8) - GaAsP/GaP 610nm/Super Red
(9) - GaAlAs 880nm
(10) - GaAs/GaAs & GaAlAs/GaAs 940nm
(A) - GaN/SiC 430nm/Blue
(B) - InGaN/SiC 470nm/Blue
(C) -
(D) -
InGaN/SiC 505nm/Ultra Green
InGaAl/SiC 525nm/Ultra Green
50
40
30
20
10
0
1.2
1.6
2.0
2.4
2.6
3.0
1
6
3
4 5
2
8
4.0
3.0
2.0
1.0
0
20
40
60
80
100
1
5
B
50
40
30
20
10
0
20
40
60
80
100
1
6
2,4,8,A
3
5
3
2
1
0.5
0.2
0.1
-30
-20
-10
0
10
20
30
40
50
60
70
1
5
4
2
3
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
10KHz
3KHz
1KHz
300KHz
100KHz F-REFRESH RATE
100KHz
30KHz
10KHz
3KHz
1KHz
300Hz
100Hz
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
FORWARD VOLTAGE (Vf)
FORWARD CURRENT VS.
FORWARD VOLTAGE
RELATIVE LUMINOUS
INTENSITY VS. FORWARD
CURRENT
AMBIENT TEMPERATURE Ta(
)
FORWARD CURRENT VS. AMBIENT
TEMPERATURE
tp-PULSE DURATION uS
(1,2,3,4,6,8,B.D.J.K)
NOTE:25
free air temperature unless otherwise specified
tp-PULSE DURATION uS
FORWARD CURRENT (mA)
AMBIENT TEMPERATURE Ta(
)
(5)


Similar Part No. - BL-L543LRC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L543 BETLUX-BL-L543 Datasheet
240Kb / 4P
   5mm Cylindrical LED lamp, FLAT TOP
More results

Similar Description - BL-L543LRC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L542SRC BETLUX-BL-L542SRC Datasheet
87Kb / 3P
   Cylindrical Type LED lamp
BL-L342SRC BETLUX-BL-L342SRC Datasheet
72Kb / 3P
   Cylindrical LED lamp
BL-L344SRC BETLUX-BL-L344SRC Datasheet
71Kb / 3P
   Cylindrical LED lamp
BL-L342 BETLUX-BL-L342 Datasheet
231Kb / 4P
   3.0mm Cylindrical LED lamp
logo
Kingbright Corporation
WP1413SRDT KINGBRIGHT-WP1413SRDT Datasheet
79Kb / 3P
   4mm CYLINDRICAL LED LAMP
WP1413HDT KINGBRIGHT-WP1413HDT Datasheet
71Kb / 3P
   4mm CYLINDRICAL LED LAMP
WP1413GDT KINGBRIGHT-WP1413GDT Datasheet
71Kb / 3P
   4mm CYLINDRICAL LED LAMP
WP1413IDT KINGBRIGHT-WP1413IDT Datasheet
76Kb / 3P
   4mm CYLINDRICAL LED LAMP
WP1413SGDL KINGBRIGHT-WP1413SGDL Datasheet
71Kb / 3P
   4mm CYLINDRICAL LED LAMP
WP1413YDT KINGBRIGHT-WP1413YDT Datasheet
73Kb / 3P
   4mm CYLINDRICAL LED LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com