Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L524UBC Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-L524UBC
Description  Bullet Type LED lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L524UBC Datasheet(HTML) 3 Page - BetLux Electronics

  BL-L524UBC Datasheet HTML 1Page - BetLux Electronics BL-L524UBC Datasheet HTML 2Page - BetLux Electronics BL-L524UBC Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.betlux.com
Bullet Type LED lamp
BL-L524
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 3 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Typical electrical-optical characteristics curves:
1.0
0.5
0
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
(A)
(B)
(C)
(D)
(2)
(3)
(8)
(4)
(1) (6)
(5)
(9)
(10)
Wavelength(nm)
RELATIVE INTENSITY Vs WAVELENGTH(
)
p
(1) - GaAsP/GaAs 655nm/Red
(2) - GaP 570nm/Yellow Green
(3) - GaAsP/GaP 585nm/Yellow
(4) - GaAsp/GaP 635nm/Orange & Hi-Eff Red
(5) - GaP 700nm/Bright Red
(6) - GaAlAs/GaAs 660nm/Super Red
(8) - GaAsP/GaP 610nm/Super Red
(9) - GaAlAs 880nm
(10) - GaAs/GaAs & GaAlAs/GaAs 940nm
(A) - GaN/SiC 430nm/Blue
(B) - InGaN/SiC 470nm/Blue
(C) -
(D) -
InGaN/SiC 505nm/Ultra Green
InGaAl/SiC 525nm/Ultra Green
50
40
30
20
10
0
1.2
1.6
2.0
2.4
2.6
3.0
1
6
3
4 5
2
8
4.0
3.0
2.0
1.0
0
20
40
60
80
100
1
5
B
50
40
30
20
10
0
20
40
60
80
100
1
6
2,4,8,A
3
5
3
2
1
0.5
0.2
0.1
-30
-20
-10
0
10
20
30
40
50
60
70
1
5
4
2
3
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
10KHz
3KHz
1KHz
300KHz
100KHz F-REFRESH RATE
100KHz
30KHz
10KHz
3KHz
1KHz
300Hz
100Hz
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
FORWARD VOLTAGE (Vf)
FORWARD CURRENT VS.
FORWARD VOLTAGE
RELATIVE LUMINOUS
INTENSITY VS. FORWARD
CURRENT
AMBIENT TEMPERATURE Ta(
)
FORWARD CURRENT VS. AMBIENT
TEMPERATURE
tp-PULSE DURATION uS
(1,2,3,4,6,8,B.D.J.K)
NOTE:25
free air temperature unless otherwise specified
tp-PULSE DURATION uS
FORWARD CURRENT (mA)
AMBIENT TEMPERATURE Ta(
)
(5)


Similar Part No. - BL-L524UBC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L524UEC BETLUX-BL-L524UEC Datasheet
557Kb / 4P
   5mm Round-Helmet Type LED Lamp
BL-L524UGC BETLUX-BL-L524UGC Datasheet
557Kb / 4P
   5mm Round-Helmet Type LED Lamp
BL-L524UYC BETLUX-BL-L524UYC Datasheet
557Kb / 4P
   5mm Round-Helmet Type LED Lamp
More results

Similar Description - BL-L524UBC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L523SRC BETLUX-BL-L523SRC Datasheet
72Kb / 3P
   Bullet Type LED lamp
BL-L522SRC BETLUX-BL-L522SRC Datasheet
72Kb / 3P
   Bullet Type LED lamp
BL-L324SRC BETLUX-BL-L324SRC Datasheet
72Kb / 3P
   Bullet Type LED lamp
BL-L324 BETLUX-BL-L324 Datasheet
231Kb / 4P
   3.0mm Round Bullet Type LED Lamps
logo
OptoSupply Internationa...
OSXXDK6231A OPTOSUPPLY-OSXXDK6231A Datasheet
108Kb / 1P
   5mm Bullet LED
OSW4DK6231A OPTOSUPPLY-OSW4DK6231A Datasheet
108Kb / 1P
   5mm Bullet LED
logo
NTE Electronics
NTE30135 NTE-NTE30135 Datasheet
72Kb / 2P
   Super Bright LED Indicators 5mm, Bullet Head Type
logo
OptoSupply Internationa...
OSV5YL5201A OPTOSUPPLY-OSV5YL5201A Datasheet
177Kb / 1P
   5mm Bullet Violet LED
OSY5SA5201A OPTOSUPPLY-OSY5SA5201A Datasheet
96Kb / 1P
   5mm Bullet Yellow LED
OSR5SA5201A OPTOSUPPLY-OSR5SA5201A Datasheet
96Kb / 1P
   5mm Bullet Red LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com