Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS623AN Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALS623AN
Description  OCTAL BUS TRANSCEIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS623AN Datasheet(HTML) 4 Page - Texas Instruments

  SN74ALS623AN Datasheet HTML 1Page - Texas Instruments SN74ALS623AN Datasheet HTML 2Page - Texas Instruments SN74ALS623AN Datasheet HTML 3Page - Texas Instruments SN74ALS623AN Datasheet HTML 4Page - Texas Instruments SN74ALS623AN Datasheet HTML 5Page - Texas Instruments SN74ALS623AN Datasheet HTML 6Page - Texas Instruments SN74ALS623AN Datasheet HTML 7Page - Texas Instruments SN74ALS623AN Datasheet HTML 8Page - Texas Instruments SN74ALS623AN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN74ALS620A, SN74ALS621A, SN74ALS623A, SN74AS623
OCTAL BUS TRANSCEIVERS
SDAS226A – DECEMBER 1982 – REVISED JANUARY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
SN74ALS620A
SN74ALS623A
UNIT
MIN
NOM
MAX
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–15
mA
IOL
Low-level output current
24
mA
TA
Operating free-air temperature
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN74ALS620A
SN74ALS623A
UNIT
MIN
TYP†
MAX
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
V
VCC = 4.5 V to 5.5 V,
IOH = – 0.4 mA
VCC –2
VOH
VCC =4 5V
IOH = – 3 mA
2.4
3.2
V
VCC = 4.5 V
IOH = – 15 mA
2
VOL
VCC =4 5V
IOL = 12 mA
0.25
0.4
V
VOL
VCC = 4.5 V
IOL = 24 mA‡
0.35
0.5
V
II
Control inputs
VCC =5 5V
VI = 7 V
0.1
mA
II
A or B ports
VCC = 5.5 V
VI = 5.5 V
0.1
mA
IIH
Control inputs
VCC =5 5V
VI =2 7V
20
µA
IIH
A or B ports§
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
Control inputs
VCC =5 5V
VI =0 4V
– 0.1
mA
IIL
A or B ports§
VCC = 5.5 V,
VI = 0.4 V
– 0.1
mA
IO¶
VCC = 5.5 V,
VO = 2.25 V
–30
–112
mA
Outputs high
24
34
SN74ALS620A
VCC = 5.5 V
Outputs low
31
44
ICC
Outputs disabled
33
47
mA
ICC
Outputs high
32
43
mA
SN74ALS623A
VCC = 5.5 V
Outputs low
39
50
Outputs disabled
42
55
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Applies only to the -1 version and only if VCC is between 4.75 V and 5.25 V
§ For I/O ports, the parameters IIH and IIL include the off-state output current.
¶ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.


Similar Part No. - SN74ALS623AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS623AN TI-SN74ALS623AN Datasheet
477Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER
SN74ALS623AN TI1-SN74ALS623AN Datasheet
1Mb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS623AN3 TI1-SN74ALS623AN3 Datasheet
1Mb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS623ANSR TI1-SN74ALS623ANSR Datasheet
1Mb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
More results

Similar Description - SN74ALS623AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT245 TI-SN54BCT245_07 Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
logo
Fairchild Semiconductor
DM74ALS645A FAIRCHILD-DM74ALS645A Datasheet
47Kb / 4P
   Octal Bus Transceivers
logo
Texas Instruments
SN54LS620 TI1-SN54LS620_09 Datasheet
511Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Motorola, Inc
SN54LS640 MOTOROLA-SN54LS640 Datasheet
118Kb / 3P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS620 TI-SN54LS620 Datasheet
284Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74HC245 UTC-U74HC245_15 Datasheet
238Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS638_1999 TI1-SN54LS638_1999 Datasheet
205Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS638A TI-SN74ALS638A Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74AHC245 UTC-U74AHC245_15 Datasheet
227Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54ALS245A TI1-SN54ALS245A_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com