Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L563UBC Datasheet(PDF) 2 Page - BetLux Electronics

Part # BL-L563UBC
Description  Ovel Type LED lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L563UBC Datasheet(HTML) 2 Page - BetLux Electronics

  BL-L563UBC Datasheet HTML 1Page - BetLux Electronics BL-L563UBC Datasheet HTML 2Page - BetLux Electronics BL-L563UBC Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
  
Ovel Type LED lamp
BL-L563
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V. 3
Page 2 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
■  Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - BL-L563UBC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L563UEC BETLUX-BL-L563UEC Datasheet
229Kb / 4P
   5mm Oval Type (5.0*4.1*7.1mm) LED Lamps
BL-L563UGC BETLUX-BL-L563UGC Datasheet
229Kb / 4P
   5mm Oval Type (5.0*4.1*7.1mm) LED Lamps
BL-L563URC BETLUX-BL-L563URC Datasheet
229Kb / 4P
   5mm Oval Type (5.0*4.1*7.1mm) LED Lamps
BL-L563UYC BETLUX-BL-L563UYC Datasheet
229Kb / 4P
   5mm Oval Type (5.0*4.1*7.1mm) LED Lamps
More results

Similar Description - BL-L563UBC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L557UED-D3 BETLUX-BL-L557UED-D3 Datasheet
67Kb / 3P
   Ovel Type LED lamp
BL-L555SRC BETLUX-BL-L555SRC Datasheet
70Kb / 3P
   Ovel Type LED lamp
BL-L558SRC BETLUX-BL-L558SRC Datasheet
66Kb / 3P
   Ovel Type LED lamp
BL-L557SRC BETLUX-BL-L557SRC Datasheet
70Kb / 3P
   Ovel Type LED lamp
BL-L463SRC BETLUX-BL-L463SRC Datasheet
70Kb / 3P
   Ovel LED lamp
BL-L453SRC BETLUX-BL-L453SRC Datasheet
70Kb / 3P
   Ovel LED lamp
logo
LIGITEK electronics co....
LDBK13433 LIGITEK-LDBK13433 Datasheet
125Kb / 6P
   OVEL TYPE LED LAMPS
LDGM13433 LIGITEK-LDGM13433 Datasheet
116Kb / 6P
   OVEL TYPE LED LAMPS
logo
BRIGHT LED ELECTRONICS ...
BL-X2361 BRIGHT-BL-X2361 Datasheet
258Kb / 6P
   AXIAL TYPE LED LAMP
BL-X4361 BRIGHT-BL-X4361 Datasheet
232Kb / 6P
   AXIAL TYPE LED LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com