Electronic Components Datasheet Search |
|
BL-L2506UYC Datasheet(PDF) 1 Page - BetLux Electronics |
|
BL-L2506UYC Datasheet(HTML) 1 Page - BetLux Electronics |
1 / 3 page www.betlux.com Rectangular Type LED lamp BL-L2506 APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS REV NO: V.2 Page 1 of 3 WWW.BETLUX.COM EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM Features: 2.0*5.0mm Rectangular Type LED Lamps. Ultra brightness. Choice of various viewing angles. Diffused, Transparent and Water clear lens are available. IC compatible /Low current capability. RoHs Compliance Electrical-optical characteristics: (Ta=25 ) (Test Condition: IF=20mA) Chip Forward Voltage(VF) Unit:V Luminous Intensity (Iv) Unit:mcd Part Number Emitted Color Material λλλλP (n m) Lens Type Typ Max Min. Typ. Viewi ng Angle 2θ1/2( deg) BL-L2506SRC Hi Red AlGaAs,SH 660 1.85 2.20 50 100 BL-L2506LRC Super Red AlGaAs,DH 660 1.85 2.20 80 200 BL-L2506URC Ultra Red AlGaAs,DDH 660 1.95 2.20 100 300 BL-L2506UEC Ultra Orange AlGaInP 630 2.10 2.50 120 500 BL-L2506UYC Ultra Yellow AlGaInP 590 2.10 2.50 150 700 BL-L2506UGC Ultra Green AlGaInP 574 2.20 2.50 50 500 BL-L2506PGC Ultra Pure Green InGaN 525 3.80 4.50 400 1000 BL-L2506BGC Ultra Bluish Green InGaN 505 3.80 4.50 400 900 BL-L2506BC Blue InGaN 430 3.80 4.50 400 800 BL-L2506UBC Ultra Blue InGaN 470 2.70 4.20 400 1200 BL-L2506VC UV InGaN 405 3.80 4.50 100 150 BL-L2506UWC Ultra White InGaN / Water Clear 2.70 4.20 180 2000 120 Absolute maximum ratings (Ta=25 ) Parameter SR LR UR UE UY UG PG BG B UB UV W U ni t Forward Current IF 25 25 25 30 30 30 30 30 30 30 30 30 mA Power Dissipation Pd 60 60 60 65 65 75 110 110 120 120 120 120 mW Reverse Voltage VR 5 5 5 5 5 5 5 5 5 5 5 5 V Peak Forward Current IPF (Duty 1/10 @1KHZ) 150 150 150 150 150 150 150 100 100 100 100 100 mA Operation Temperature TOPR -40 to +80 Storage Temperature TSTG -40 to +85 Lead Soldering Temperature TSOL Max.260 5 for 3 sec Max. (1.6mm from the base of the epoxy bulb) |
Similar Part No. - BL-L2506UYC |
|
Similar Description - BL-L2506UYC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |