Electronic Components Datasheet Search
Selected language     English  ▼


SN74ALS994 Datasheet(PDF) 2 Page - Texas Instruments

Part No. SN74ALS994
Description  10-BIT D-TYPE TRANSPARENT READ-BACK LATCH
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

   
 2 page
background image
SN74ALS994
10-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SDAS237A – OCTOBER 1984 – REVISED JANUARY 1995
2–2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram (positive logic)
1D
C1
To Nine Other Channels
1
13
223
OERB
LE
1D
1Q
timing diagram
Data Bus
LE
OERB
Q
tsu
th
tpd
tdis
Input Data
Read Back
Input Data
tpd
tsu†
† This setup time ensures that the read-back circuit will not create a conflict on the input data bus.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (OERB and LE)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to D inputs
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN74ALS9908-BIT D-TYPE TRANSPARENT READ-BACK LATCH 1 2 3 4 5 MoreTexas Instruments
SN74ALS9929-BIT D-TYPE TRANSPARENT READ-BACK LATCH WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
74LVC841A10-bit transparent latch with 5-volt tolerant inputs/outputs 3-State 1 2 3 4 5 MoreNXP Semiconductors
SN74LVC841A10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
74ACT84110-Bit Transparent Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
SN74LVC1637316-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
74ALVC573Octal D-type transparent latch 3-state 1 2 3 4 5 MoreNXP Semiconductors
SN74AUC1637316-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74ACT16373Q-EP16-BIT D-TYPE TRANSPARENT LATCH WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
74LV373Octal D-type transparent latch 3-State 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl