Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L2506BC Datasheet(PDF) 2 Page - BetLux Electronics

Part # BL-L2506BC
Description  Rectangular Type LED lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L2506BC Datasheet(HTML) 2 Page - BetLux Electronics

  BL-L2506BC Datasheet HTML 1Page - BetLux Electronics BL-L2506BC Datasheet HTML 2Page - BetLux Electronics BL-L2506BC Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.betlux.com
Rectangular Type LED lamp
BL-L2506
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 2 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is
0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - BL-L2506BC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L2506 BETLUX-BL-L2506 Datasheet
241Kb / 4P
   2.0*5.0mm Rectangular Type LED Lamps
BL-L2506LRC BETLUX-BL-L2506LRC Datasheet
241Kb / 4P
   2.0*5.0mm Rectangular Type LED Lamps
BL-L2506PGC BETLUX-BL-L2506PGC Datasheet
241Kb / 4P
   2.0*5.0mm Rectangular Type LED Lamps
BL-L2506SRC BETLUX-BL-L2506SRC Datasheet
241Kb / 4P
   2.0*5.0mm Rectangular Type LED Lamps
BL-L2506UEC BETLUX-BL-L2506UEC Datasheet
241Kb / 4P
   2.0*5.0mm Rectangular Type LED Lamps
More results

Similar Description - BL-L2506BC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L2516SRC BETLUX-BL-L2516SRC Datasheet
91Kb / 3P
   Rectangular Type LED lamp
logo
Yellow Stone Corp
BL-R1132R YSTONE-BL-R1132R Datasheet
176Kb / 2P
   STANDARD LED LAMP(RECTANGULAR TYPE)
logo
BetLux Electronics
BL-L2519EGW BETLUX-BL-L2519EGW Datasheet
61Kb / 3P
   Rectangular Type, BI-COLOR LED lamp
logo
Marktech Corporate
MT112T-RG-A MARKTECH-MT112T-RG-A_15 Datasheet
136Kb / 6P
   RECTANGULAR LED LAMP
MT112T-RG-A MARKTECH-MT112T-RG-A Datasheet
136Kb / 6P
   RECTANGULAR LED LAMP
MT212T-G-A MARKTECH-MT212T-G-A Datasheet
188Kb / 5P
   RECTANGULAR LED LAMP
MT212T-G-A MARKTECH-MT212T-G-A_15 Datasheet
188Kb / 5P
   RECTANGULAR LED LAMP
logo
Siemens Semiconductor G...
LRB4801111 SIEMENS-LRB4801111 Datasheet
94Kb / 1P
   RECTANGULAR LED LAMP
logo
Kingbright Corporation
WP113EDT KINGBRIGHT-WP113EDT Datasheet
260Kb / 6P
   2x5mm RECTANGULAR LED LAMP
WP1773ND KINGBRIGHT-WP1773ND Datasheet
74Kb / 3P
   1.75x3.9mm RECTANGULAR LED LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com