Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V2174PV12P00 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # V2174PV12P00
Description  Value squared switching solenoid valve
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

V2174PV12P00 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  V2174PV12P00 Datasheet HTML 1Page - Sensortechnics GmbH V2174PV12P00 Datasheet HTML 2Page - Sensortechnics GmbH V2174PV12P00 Datasheet HTML 3Page - Sensortechnics GmbH V2174PV12P00 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
V2 Valve
Value squared switching solenoid valve
1/4
October 2006 / 252
www.sensortechnics.com
FEATURES
· 2-way or 3-way, 2 position valve
(NO, NC & Distributor)
· Meets performance characteristics for
a minimum of 25 million cycles
· Cost-effective, unique PBT body
· Manifold mount design or molded
barbed fittings to fit a range of needs
PHYSICAL PROPERTIES
Operating environment
0 to 70 °C
Storage temperature
-40 to 70 °C
Length
43.9 mm (1.73 in)
Width
15.9 mm (0.625 in)
Height
17 mm (0.67 in)
Porting
Barb fittings for 1/8 in I.D. tubing
or manifold mount
Weight
34 g (1.2 oz)
Internal volume
0.016 cm3 (nominal)
Filtration (recommended)
40 µm
Lubrication
None required
MEDIA COMPATIBILITY
Non-corrosive gases
ELECTRICAL
Power
0.5, 1.0 or 2.0 W
Voltage
5, 12, 24 V
DC ± 10%
Loctite® is a registered trademark of Henkel Consumer Adhesives, Inc.
WETTED MATERIALS
Body:
PBT (Polybutylene Terephthalate)
Stem base:
360 HO2 brass
All others:
FKM; 430 FR series stainless steel (passivated);
302 series stainless steel; Loctite® 290


Similar Part No. - V2174PV12P00

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
V2109B ASSMANN-V2109B Datasheet
433Kb / 1P
   Channel style heatsink
V2110B ASSMANN-V2110B Datasheet
46Kb / 1P
   Finger-shaped heatsink TO-126
logo
COSMO Electronics Corp...
V214 COSMO-V214 Datasheet
478Kb / 3P
   HIGH VOLTAGE, PHOTO EDMOS RELAY
V214A COSMO-V214A Datasheet
478Kb / 3P
   HIGH VOLTAGE, PHOTO EDMOS RELAY
V214S COSMO-V214S Datasheet
141Kb / 2P
   High Voltage, Solid State Relay-MOSFET Output
More results

Similar Description - V2174PV12P00

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PND05D3 SENSORTECHNICS-PND05D3 Datasheet
63Kb / 3P
   Switching solenoid dump valve
11101BV5P00 SENSORTECHNICS-11101BV5P00 Datasheet
265Kb / 5P
   PC mount switching solenoid valve
SRS101PV5F SENSORTECHNICS-SRS101PV5F Datasheet
118Kb / 5P
   Manifold mountable plastic switching solenoid valve
logo
Festo Corporation.
8150397 FESTO-8150397 Datasheet
94Kb / 2P
   Solenoid valve
6/26/22
8114698 FESTO-8114698 Datasheet
76Kb / 2P
   Solenoid valve
8122783 FESTO-8122783 Datasheet
99Kb / 2P
   Solenoid valve
8141534 FESTO-8141534 Datasheet
92Kb / 2P
   Solenoid valve
6/26/22
8141532 FESTO-8141532 Datasheet
92Kb / 2P
   Solenoid valve
6/26/22
8150460 FESTO-8150460 Datasheet
98Kb / 2P
   Solenoid valve
6/26/22
8114684 FESTO-8114684 Datasheet
77Kb / 2P
   Solenoid valve
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com