Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSONC111CAF0 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # VSONC111CAF0
Description  Normally closed proportional solenoid valve
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

VSONC111CAF0 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  VSONC111CAF0 Datasheet HTML 1Page - Sensortechnics GmbH VSONC111CAF0 Datasheet HTML 2Page - Sensortechnics GmbH VSONC111CAF0 Datasheet HTML 3Page - Sensortechnics GmbH VSONC111CAF0 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VSO
®
Normally closed proportional solenoid valve
1/4
October 2006 / 254
www.sensortechnics.com
FEATURES
· 2-way normally closed
· Offers operating pressure up to
150 psig and a range of orifice sizes
· Satisfies a 0.2 sccm leakage
specification of He for 100 million life
cycles and offers high repeatability
· Provides computer-automated
calibrations and full calibration
traceability
· Uses either DC current or pulse width
modulation with closed loop feedback
to deliver optimal system performance
· Maintains ideal flow through thermal
compensation
· Oxygen and analytically clean
PHYSICAL PROPERTIES
Operating environment
0 to 55 °C
Storage temperature
-40 to 70 °C
Length
45.3 mm (1.785 in)
Width
16.5 mm (0.625 in)
Height
17 mm (0.67 in)
Porting
Barbs or 10-32 UNF female;
manifold mount with screens
Weight
63 g (2.2 oz)
Internal volume
0.508 cm3 (0.031 in3)
Filtration (recommended)
VSONC1..., VSONC2...
17 µm
all others
40 µm
Lubrication
None required
MEDIA COMPATIBILITY
Air, argon, helium, hydrogen, methane, nitrogen,
oxygen & others
ELECTRICAL
Power
max. 2 W
Voltage
max. 5.5, 8, 11.5, 13.5, 20 or 29 V
DC
VSO is a registered trademark of Parker Hannifin Corporation.


Similar Part No. - VSONC111CAF0

ManufacturerPart #DatasheetDescription
logo
Rohm
VSON010V3030 ROHM-VSON010V3030 Datasheet
75Kb / 2P
   LSI Assembly
logo
ELM Technology Corporat...
VSON6-2X2 ELM-TECH-VSON6-2X2 Datasheet
185Kb / 1P
   Package, Reel, Taping
More results

Similar Description - VSONC111CAF0

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
MDPRO4VAF1S SENSORTECHNICS-MDPRO4VAF1S Datasheet
100Kb / 4P
   Normally closed proportional solenoid valve
910000200001 SENSORTECHNICS-910000200001 Datasheet
144Kb / 4P
   Normally closed proportional solenoid valve
LW1BVAF0 SENSORTECHNICS-LW1BVAF0 Datasheet
97Kb / 4P
   Normally open proportional solenoid valve
logo
List of Unclassifed Man...
V365-V06C ETC-V365-V06C Datasheet
57Kb / 2P
   3/2 - MICRO SOLENOID VALVE - Normally closed (N.C.)
logo
Sensortechnics GmbH
HFPRO7VAF1O SENSORTECHNICS-HFPRO7VAF1O Datasheet
85Kb / 4P
   High flow proportional solenoid valve
logo
WAGO Kontakttechnik Gmb...
750-632 WAGO-750-632 Datasheet
606Kb / 11P
   Proportional valve module
logo
C&K Components
ATS CK-COMPONENTS-ATS Datasheet
531Kb / 2P
   Normally closed function
logo
WAGO Kontakttechnik Gmb...
750-632-000-100 WAGO-750-632-000-100 Datasheet
446Kb / 10P
   Proportional valve module
logo
IXYS Corporation
PLB171P IXYS-PLB171P Datasheet
122Kb / 5P
   Single-Pole, Normally Closed
logo
PIC GmbH
MS-332-7 PIC-MS-332-7 Datasheet
225Kb / 2P
   Normally Closed Reed Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com