Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-LS1311UGC-3 Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-LS1311UGC-3
Description  SMD LED LAMP, BI-COLOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS1311UGC-3 Datasheet(HTML) 1 Page - BetLux Electronics

  BL-LS1311UGC-3 Datasheet HTML 1Page - BetLux Electronics BL-LS1311UGC-3 Datasheet HTML 2Page - BetLux Electronics BL-LS1311UGC-3 Datasheet HTML 3Page - BetLux Electronics BL-LS1311UGC-3 Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.betlux.com
SMD LED LAMP, BI-COLOR
BL-LS1311xx-3
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC4 package
Mono-color type, Ultra brightness, with 3 chips
Compatible with automatic placement equipment
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
PACKAGE:
2KPCS/REEL
RoHs Compliance
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
λλλλP
(n
m)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2θ1/2
(deg)
BL-LS1311UEC-3
Ultra Orange
AlGaAs
630
2.10
2.50
400
800
BL-LS1311UYO-3
Ultra Amber
AlGaInP
610
2.10
2.60
300
600
BL-LS1311UYC-3
Ultra Yellow
AlGaInP
593
2.10
2.60
600
800
BL-LS1311UGC-3
Ultra Green
AlGaInP
575
2.20
2.70
28
50
BL-LS1311PGC-3
Ultra Pure Green
InGaN
525
3.50
4.20
700
1000
BL-LS1311UBC-3
Ultra Blue
InGaN
470
3.50
4.20
400
700
BL-LS1311UWC-3
Ultra White
InGaN
/
Water
Clear
3.50
4.20
1000
1500
120
Absolute maximum ratings (Ta=25°C)
Parameter
UE
UYO
UY
UG
PG
UB
UW
Unit
Forward Current
IF
30
30
30
30
30
30
30
mA
Power Dissipation Pd
78
78
78
78
78
78
78
mW
Reverse Voltage VR
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
100
100
100
100
100
100
100
mA
Operation Temperature TOPR
-30 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Max.260
5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)


Similar Part No. - BL-LS1311UGC-3

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS1311UGC BETLUX-BL-LS1311UGC Datasheet
164Kb / 4P
   SMD LED LAMP, BI-COLOR
More results

Similar Description - BL-LS1311UGC-3

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS1210SGC BETLUX-BL-LS1210SGC Datasheet
121Kb / 4P
   SMD LED LAMP, BI-COLOR
BL-LS1311EGC BETLUX-BL-LS1311EGC Datasheet
159Kb / 4P
   SMD LED LAMP, BI-COLOR
BL-LS1311UEC BETLUX-BL-LS1311UEC Datasheet
164Kb / 4P
   SMD LED LAMP, BI-COLOR
logo
Kingbright Corporation
APTB1612ESGC-F01 KINGBRIGHT-APTB1612ESGC-F01 Datasheet
325Kb / 6P
   1.6X1.25mm BI-COLOR SMD CHIP LED LAMP
APTB1612SGNC-F01 KINGBRIGHT-APTB1612SGNC-F01 Datasheet
187Kb / 6P
   1.6x1.25mm BI-COLOR SMD CHIP LED LAMP
APTB1612SYKCGKC-F01 KINGBRIGHT-APTB1612SYKCGKC-F01 Datasheet
325Kb / 6P
   1.6X1.25mm BI-COLOR SMD CHIP LED LAMP
APTB1612YSGC-F01 KINGBRIGHT-APTB1612YSGC-F01 Datasheet
326Kb / 6P
   1.6X1.25mm BI-COLOR SMD CHIP LED LAMP
APTB1615YSGC-F01 KINGBRIGHT-APTB1615YSGC-F01 Datasheet
342Kb / 6P
   1.6x1.5mm BI-COLOR SMD CHIP LED LAMP
logo
SunLED Corporation
ZMDKVG62W-1 SUNLED-ZMDKVG62W-1 Datasheet
218Kb / 5P
   1.6x1.25mm BI-COLOR SMD CHIP LED LAMP
ZURUY62W-1 SUNLED-ZURUY62W-1 Datasheet
215Kb / 5P
   1.6x1.25mm BI-COLOR SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com