Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTE6N01AT7 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # KTE6N01AT7
Description  OEM pressure transmitters for industrial media
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

KTE6N01AT7 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  KTE6N01AT7 Datasheet HTML 1Page - Sensortechnics GmbH KTE6N01AT7 Datasheet HTML 2Page - Sensortechnics GmbH KTE6N01AT7 Datasheet HTML 3Page - Sensortechnics GmbH KTE6N01AT7 Datasheet HTML 4Page - Sensortechnics GmbH KTE6N01AT7 Datasheet HTML 5Page - Sensortechnics GmbH KTE6N01AT7 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KTE6000 / KTU6000 Series
OEM pressure transmitters for industrial media
1/6
December 2008 / 550
www.sensortechnics.com
FEATURES
· 0...-1 to 0...400 bar
0...-15 to 0...6000 psi
gage1 or absolute
· For many industrial gases and liquids
· 0...10 V, 0.5...4.5 V, 0...5 V and
4...20 mA output
· Field interchangeable
· For industrial use
SPECIFICATIONS11,12
Maximum ratings
Supply voltage (reverse polarity protection)
KTx6...0
KTx6...6, KTx6...7
KTx6...42
Maximum load current (source)
KTx6...0, KTx6...6, KTx6...7
Temperature limits
Storage
Operating
Compensated
Humidity limits
Vibration (5 to 500 Hz)
Mechanical shock
Proof pressure3
400 bar (6000 psi)
all others
12...30 V
9...30 V
9...30 V
1 mA
-55 to 100°C
-40 to 100°C
0 to 70°C
0 - 95 %RH
10 g
RMS
50 g
1.5 x rated pressure
2 x rated pressure
MEDIA COMPATIBILITY
Wetted materials:
stainless steel 1.4404 (316L), ceramic Al
2O3, NBR
9,
TPE9
Housing:
stainless steel, protection class IP 65 (according to
DIN EN 60529) respectively NEMA 4X1
ELECTRICAL CONNECTION
0...10 V, 0.5...4.5 V, 0...5 V output
4...20 mA output
+Vs
Vout
3
-Vs
2
1
GND
V
12 (9) to 30 V
sensor
sensor
-Vs
2
3
L
V
R
GND
9 to 30 V
+Vs
N/C
1


Similar Part No. - KTE6N01AT7

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
KTE3001AQ0 SENSORTECHNICS-KTE3001AQ0 Datasheet
92Kb / 6P
   OEM pressure transmitters for industrial media
KTE3001AQ1 SENSORTECHNICS-KTE3001AQ1 Datasheet
92Kb / 6P
   OEM pressure transmitters for industrial media
KTE3001AQ4 SENSORTECHNICS-KTE3001AQ4 Datasheet
92Kb / 6P
   OEM pressure transmitters for industrial media
KTE3001AQ6 SENSORTECHNICS-KTE3001AQ6 Datasheet
92Kb / 6P
   OEM pressure transmitters for industrial media
KTE3001AQ7 SENSORTECHNICS-KTE3001AQ7 Datasheet
92Kb / 6P
   OEM pressure transmitters for industrial media
More results

Similar Description - KTE6N01AT7

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTE8001GD0 SENSORTECHNICS-CTE8001GD0 Datasheet
244Kb / 6P
   OEM pressure transmitters for industrial media
CTEM9350GD0 SENSORTECHNICS-CTEM9350GD0 Datasheet
216Kb / 6P
   OEM pressure transmitters for industrial media
KTE3001GQ0 SENSORTECHNICS-KTE3001GQ0 Datasheet
92Kb / 6P
   OEM pressure transmitters for industrial media
logo
EPCOS
MINICELL EPCOS-MINICELL Datasheet
65Kb / 7P
   Pressure sensors Media-separated pressure transmitters (voltage output)
logo
KELLER Druckmesstechnik...
4LC KELLER-4LC Datasheet
498Kb / 2P
   Piezoresistive OEM Pressure Transmitters -40…150 °C, with embedded signal conditioning
11/2015
logo
Sensortechnics GmbH
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
   Pressure transmitters for oxygen applications
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
   Pressure transmitters
logo
EPCOS
ASRSERIES EPCOS-ASRSERIES Datasheet
398Kb / 16P
   Gauge pressure transmitters for SMT
logo
Sensortechnics GmbH
OXYPROOF-K SENSORTECHNICS-OXYPROOF-K Datasheet
76Kb / 5P
   Pressure transmitters for oxygen applications
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
   Barometric pressure transmitters for SMT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com