Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCE0811GRH8P5 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # HCE0811GRH8P5
Description  Miniature amplified pressure sensors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HCE0811GRH8P5 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  HCE0811GRH8P5 Datasheet HTML 1Page - Sensortechnics GmbH HCE0811GRH8P5 Datasheet HTML 2Page - Sensortechnics GmbH HCE0811GRH8P5 Datasheet HTML 3Page - Sensortechnics GmbH HCE0811GRH8P5 Datasheet HTML 4Page - Sensortechnics GmbH HCE0811GRH8P5 Datasheet HTML 5Page - Sensortechnics GmbH HCE0811GRH8P5 Datasheet HTML 6Page - Sensortechnics GmbH HCE0811GRH8P5 Datasheet HTML 7Page - Sensortechnics GmbH HCE0811GRH8P5 Datasheet HTML 8Page - Sensortechnics GmbH HCE0811GRH8P5 Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HCE Series
Miniature amplified pressure sensors
1/11
E / 11652 / A
www.sensortechnics.com
FEATURES
· 10 mbar to 5 bar,
absolute, gage or differential pressure
· Barometric pressure ranges
· Digital SPI bus and analog output
· Precision ASIC signal conditioning
· Calibrated and temperature
compensated
· Matched pressure port volumes
· Miniature SMD housings
· RoHS compliant
· Sensortechnics PRO services
ELECTRICAL CONNECTION
SPECIFICATIONS
Maximum ratings
Supply voltage V
S
HCE...3
2.7 ... 3.3 V
DC
HCE...5
4.5 V ... 5.5 V
DC
max. 6.50 V
DC
Output current
Sink
1 mA
Source
1 mA
Lead specifications
Average preheating temperature gradient 2.5 K/s
Soak time
ca. 3 min
Time above 217°C
50 s
Time above 230°C
40 s
Time above 250°C
15 s
Peak temperature
260°C
Cooling temperature gradient
-3.5 K/s
Temperature ranges6
Compensated
0 ... 85°C
Operating
-25 ... 85°C
Storage
-40 ... 125°C
Humidity limits (non-condensing)
0 ... 95 %RH
Note:
Connections for digital SPI bus
(pins 4 to 6) are only available for SMD
package styles (E, H and Q housings).
Vout
3
4
5
6
8
2
1
GND
MISO
CLK
SS
MOSI
+Vs


Similar Part No. - HCE0811GRH8P5

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCE0811AR SENSORTECHNICS-HCE0811AR Datasheet
182Kb / 11P
   Miniature amplified pressure sensors
More results

Similar Description - HCE0811GRH8P5

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HCEM010-B SENSORTECHNICS-HCEM010-B Datasheet
182Kb / 11P
   Miniature amplified pressure sensors
logo
All Sensors Corporation
DS-0103 ASC-DS-0103 Datasheet
50Kb / 5P
   Miniature Amplified Pressure Sensors
logo
Sensortechnics GmbH
HCA0611ARG8 SENSORTECHNICS-HCA0611ARG8 Datasheet
85Kb / 6P
   Miniature amplified barometric pressure sensors
HCLA02X5-B SENSORTECHNICS-HCLA02X5-B Datasheet
226Kb / 15P
   Miniature amplified low pressure sensors
HCA0611ARH8 SENSORTECHNICS-HCA0611ARH8 Datasheet
113Kb / 7P
   Miniature amplified barometric pressure sensors
HCLA02X5DB SENSORTECHNICS-HCLA02X5DB Datasheet
191Kb / 15P
   Miniature amplified low pressure sensors
logo
All Sensors Corporation
DS-0032 ASC-DS-0032 Datasheet
241Kb / 3P
   AMPLIFIED Pressure Sensors
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
logo
Honeywell Solid State E...
185PC15DT HONEYWELL-185PC15DT Datasheet
494Kb / 5P
   Pressure Sensors Miniature Absolute, Differential, Gage/Amplified
logo
Sensortechnics GmbH
HMAM100U SENSORTECHNICS-HMAM100U Datasheet
381Kb / 15P
   Amplified pressure sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com