Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-LS1923UYO-3 Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-LS1923UYO-3
Description  SMD LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS1923UYO-3 Datasheet(HTML) 1 Page - BetLux Electronics

  BL-LS1923UYO-3 Datasheet HTML 1Page - BetLux Electronics BL-LS1923UYO-3 Datasheet HTML 2Page - BetLux Electronics BL-LS1923UYO-3 Datasheet HTML 3Page - BetLux Electronics BL-LS1923UYO-3 Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.betlux.com
SMD LED LAMP
BL-LS1923xx
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
Mono-color type, Ultra brightness, with 3 chips
Compatible with automatic placement equipment
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
PACKAGE:
500PCS/REEL
RoHs Compliance
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
λλλλP
(n
m)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2θ1/2
(deg)
BL-LS1923UEC-3
Ultra Orange
AlGaAs
630
2.10
2.50
500
700
BL-LS1923UYO-3
Ultra Amber
AlGaInP
610
2.10
2.60
400
600
BL-LS1923UYC-3
Ultra Yellow
AlGaInP
593
2.10
2.60
400
600
BL-LS1923UGC-3
Ultra Green
AlGaInP
575
2.20
2.70
30
70
BL-LS1923PGC-3
Ultra Pure Green
InGaN
525
3.50
4.20
700
1000
BL-LS1923UBC-3
Ultra Blue
InGaN
470
3.50
4.20
400
700
BL-LS1923UWC-3
Ultra White
InGaN
/
Water
Clear
3.50
4.20
600
1200
100
Absolute maximum ratings (Ta=25°C)
Parameter
UE
UYO
UY
UG
PG
UB
UW
U
nit
Forward Current
IF
30
30
30
30
30
30
30
mA
Power Dissipation Pd
78
78
78
78
78
78
78
mW
Reverse Voltage VR
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
100
100
100
100
100
100
100
mA
Operation Temperature TOPR
-30 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Max.260
5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)


Similar Part No. - BL-LS1923UYO-3

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS1923URUGUBC BETLUX-BL-LS1923URUGUBC Datasheet
202Kb / 4P
   SMD LED LAMP
More results

Similar Description - BL-LS1923UYO-3

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-3020URC FORYARD-FYLS-3020URC Datasheet
525Kb / 8P
   SMD led lamp
FYLS-3528BUBC FORYARD-FYLS-3528BUBC_15 Datasheet
526Kb / 8P
   SMD led lamp
FYLS-1204RGBC FORYARD-FYLS-1204RGBC Datasheet
504Kb / 8P
   SMD led lamp
FYLS-1204SRC FORYARD-FYLS-1204SRC Datasheet
843Kb / 8P
   SMD led lamp
FYLS-3528UW2C FORYARD-FYLS-3528UW2C_15 Datasheet
493Kb / 8P
   SMD led lamp
FYLS-3528UWC FORYARD-FYLS-3528UWC_15 Datasheet
506Kb / 8P
   SMD led lamp
FYLS-3528UY2C FORYARD-FYLS-3528UY2C_15 Datasheet
488Kb / 8P
   SMD led lamp
FYLS-0603ASRC-Z2 FORYARD-FYLS-0603ASRC-Z2 Datasheet
483Kb / 8P
   SMD led lamp
FYLS-0603BUBC-Z1 FORYARD-FYLS-0603BUBC-Z1 Datasheet
500Kb / 8P
   SMD led lamp
logo
BetLux Electronics
BL-LS0402HC BETLUX-BL-LS0402HC Datasheet
91Kb / 4P
   SMD LED LAMP
BL-LS1204EGC BETLUX-BL-LS1204EGC Datasheet
120Kb / 4P
   SMD LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com