Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3715 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 2N3715
Description  10 AMPERE POWER TRANSISTORS SILICON NPN 60.80 VOLTS 150 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

2N3715 Datasheet(HTML) 2 Page - Motorola, Inc

  2N3715 Datasheet HTML 1Page - Motorola, Inc 2N3715 Datasheet HTML 2Page - Motorola, Inc 2N3715 Datasheet HTML 3Page - Motorola, Inc 2N3715 Datasheet HTML 4Page - Motorola, Inc 2N3715 Datasheet HTML 5Page - Motorola, Inc 2N3715 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N3715 2N3716
3–13
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Emitter–Base Cutoff Current
(VEB = 7.0 Vdc)
All Types
IEBO
5.0
mAdc
Collector–Emitter Cutoff Current
(VCE = 80 Vdc, VBE = – 1.5 Vdc)
2N3715
(VCE = 100 Vdc, VBE = – 1.5 Vdc)
2N3716
(VCE = 60 Vdc, VBE = – 1.5 Vdc, TC = 150_C)
2N3715
(VCE = 80 Vdc, VBE = – 1.5 Vdc, TC = 150_C)
2N3716
ICEX
1.0
1.0
10
10
mAdc
Collector–Emitter Sustaining Voltage (1)
(IC = 200 mAdc, IB = 0)
2N3715
2N3716
VCEO(sus)*
60
80
Vdc
DC Current Gain (1)
(IC = 1.0 Adc, VCE = 2.0 Vdc)
2N3715, 2N3716
(IC = 3.0 Adc, VCE = 2.0 Vdc)
2N3715, 2N3716
hFE*
50
30
150
Collector–Emitter Saturation Voltage (1)
(IC = 5.0 Adc, IB = 0.5 Adc)
2N3715, 2N3716
VCE(sat)*
0.8
Vdc
Base–Emitter Saturation Voltage (1)
(IC = 5.0 Adc, IB = 0.5 Adc)
2N3715, 2N3716
VBE(sat)*
1.5
Vdc
Base–Emitter Voltage (1)
(IC = 3.0 Adc, VCE = 2.0 Vdc)
All Types
VBE*
1.5
Vdc
Small Signal Current Gain
(VCE = 10 Vdc, IC = 0.5 Adc, f = 1.0 MHz)
All Types
hfe
4.0
Switching Times (Figure 2)
Typ
µs
(IC = 5.0 A, IB1 = IB2 = 0.5 Adc)
Rise Time
Storage Time
Fall Time
tr
ts
tf
0.45
0.3
0.4
(1) Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2.0%.
1.5
0.1
Figure 2. Typical Switching Times
IC, COLLECTOR CURRENT (AMPS)
1.0
0.7
0.5
0.3
0.2
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
ts
tf
tr
IB1 = IB2
+11.5 V
ton ~ 30 µs
– 9 V
TEST CIRCUIT
~ 4.8 ms
WAVE SHAPE
AT POINT A
IC = 5 A, IB1 = IB2 = 0.5 A
f
≈ 150 cps DUTY CYCLE ≈ 2%
+ 30 V
6
4 W
900
100
– 4 V
900
100
1 W
20
1 W
A
Hg RELAYS
+ 62 V
– 9 V
100
toff
~ 1.7 ms


Similar Part No. - 2N3715

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3715 BOCA-2N3715 Datasheet
132Kb / 3P
   SILICON NPN POWER TRANSISTORS
logo
Microsemi Corporation
2N3715 MICROSEMI-2N3715 Datasheet
64Kb / 2P
   NPN HIGH POWER SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N3715 ETC-2N3715 Datasheet
347Kb / 8P
   Power Transistors
logo
Inchange Semiconductor ...
2N3715 ISC-2N3715 Datasheet
42Kb / 2P
   isc Silicon NPN Power Transistors
logo
Comset Semiconductor
2N3715 COMSET-2N3715 Datasheet
178Kb / 5P
   EPITAXIAL-BASE NPN - PNP
More results

Similar Description - 2N3715

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ2500 MOTOROLA-MJ2500 Datasheet
132Kb / 4P
   10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
MJ10007 MOTOROLA-MJ10007 Datasheet
228Kb / 8P
   10 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS
MJE341 MOTOROLA-MJE341 Datasheet
130Kb / 4P
   0.5 AMPERE POWER TRANSISTORS NPN SILICON 150-200 VOLTS 20 WATTS
logo
ON Semiconductor
MJH11017 ONSEMI-MJH11017_06 Datasheet
86Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
July, 2006 ??Rev. 6
logo
Motorola, Inc
MJE15028 MOTOROLA-MJE15028 Datasheet
217Kb / 6P
   8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS
MJH11017 MOTOROLA-MJH11017 Datasheet
212Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
logo
ON Semiconductor
2N5038 ONSEMI-2N5038_07 Datasheet
84Kb / 3P
   NPN Silicon Transistors 20 AMPERE POWER TRANSISTORS 90 VOLTS - 140 WATTS
August, 2007 - Rev. 12
logo
Motorola, Inc
MJE2955T MOTOROLA-MJE2955T Datasheet
129Kb / 4P
   10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 VOLTS 75 WATTS
MJE16002 MOTOROLA-MJE16002 Datasheet
425Kb / 10P
   5.0 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 80 WATTS
MJE2360T MOTOROLA-MJE2360T Datasheet
98Kb / 4P
   0.5 AMPERE POWER TRANSISTORS NPN SILICON 350 VOLTS 30 WATTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com