10 / 11 page
HCE Series
Miniature amplified pressure sensors
10/11
E / 11652 / A
www.sensortechnics.com
Dual Inline Packages (DIP)
(Sample package shown: DIP dual port, same side)
12.70
HIGH PRESSURE PORT
LOW PRESSURE PORT
4.50
9.0
10.70
4.20
2.54
0.46
5 6 7 8
4 3 2 1
3.0
HOUSING OPTIONS
dimensions in mm
third angle projection
Single Inline Packages (SIL)
(Sample package shown: SIL same top side)
dimensions in mm
third angle projection
HIGH PRESSURE PORT
LOW PRESSURE PORT
12.70
4.85
2
6.70
3
1.90
0.25
1.45
10.70
0.51
2.54
7.85
4 3 2 1
Different housing options are available on request. Please contact Sensortechnics.