Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-M30A571SG Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-M30A571SG
Description  LED DOT MATRIX
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-M30A571SG Datasheet(HTML) 3 Page - BetLux Electronics

  BL-M30A571SG Datasheet HTML 1Page - BetLux Electronics BL-M30A571SG Datasheet HTML 2Page - BetLux Electronics BL-M30A571SG Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.betlux.com
LED DOT MATRIX
BL-M30X571XX
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 3 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Typical electrical-optical characteristics curves:
1.0
0.5
0
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
(A)
(B)
(C)
(D)
(2)
(3)
(8)
(4)
(1) (6)
(5)
(9)
(10)
Wavelength(nm)
RELATIVE INTENSITY Vs WAVELENGTH(
)
p
(1) - GaAsP/GaAs 655nm/Red
(2) - GaP 570nm/Yellow Green
(3) - GaAsP/GaP 585nm/Yellow
(4) - GaAsp/GaP 635nm/Orange & Hi-Eff Red
(5) - GaP 700nm/Bright Red
(6) - GaAlAs/GaAs 660nm/Super Red
(8) - GaAsP/GaP 610nm/Super Red
(9) - GaAlAs 880nm
(10) - GaAs/GaAs & GaAlAs/GaAs 940nm
(A) - GaN/SiC 430nm/Blue
(B) - InGaN/SiC 470nm/Blue
(C) -
(D) -
InGaN/SiC 505nm/Ultra Green
InGaAl/SiC 525nm/Ultra Green
50
40
30
20
10
0
1.2
1.6
2.0
2.4
2.6
3.0
1
6
3
4 5
2
8
4.0
3.0
2.0
1.0
0
20
40
60
80
100
1
5
B
50
40
30
20
10
0
20
40
60
80
100
1
6
2,4,8,A
3
5
3
2
1
0.5
0.2
0.1
-30
-20
-10
0
10
20
30
40
50
60
70
1
5
4
2
3
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
10KHz
3KHz
1KHz
300KHz
100KHz F-REFRESH RATE
100KHz
30KHz
10KHz
3KHz
1KHz
300Hz
100Hz
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
FORWARD VOLTAGE (Vf)
FORWARD CURRENT VS.
FORWARD VOLTAGE
RELATIVE LUMINOUS
INTENSITY VS. FORWARD
CURRENT
AMBIENT TEMPERATURE Ta(
)
FORWARD CURRENT VS. AMBIENT
TEMPERATURE
tp-PULSE DURATION uS
(1,2,3,4,6,8,B.D.J.K)
NOTE:25
free air temperature unless otherwise specified
tp-PULSE DURATION uS
FORWARD CURRENT (mA)
AMBIENT TEMPERATURE Ta(
)
(5)


Similar Part No. - BL-M30A571SG

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-M30A571S BETLUX-BL-M30A571S Datasheet
141Kb / 4P
   LED DOT MATRIX
More results

Similar Description - BL-M30A571SG

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSD-D6464SLMH-GREEN SEOUL-SSD-D6464SLMH-GREEN Datasheet
1Mb / 6P
   LED DOT MATRIX
logo
SHENZHEN YONGERJIA INDU...
WEJM1088 WINNERJOIN-WEJM1088 Datasheet
310Kb / 1P
   LED DOT MATRIX
logo
Seoul Semiconductor
D3232SL-88 SEOUL-D3232SL-88 Datasheet
361Kb / 3P
   LED DOT MATRIX
logo
BetLux Electronics
BL-M23C881SG BETLUX-BL-M23C881SG Datasheet
152Kb / 3P
   LED DOT MATRIX
BL-M07C881S BETLUX-BL-M07C881S Datasheet
159Kb / 4P
   LED DOT MATRIX
BL-M12A883SG BETLUX-BL-M12A883SG Datasheet
141Kb / 3P
   LED DOT MATRIX
BL-M12C571SG BETLUX-BL-M12C571SG Datasheet
72Kb / 3P
   LED DOT MATRIX
BL-M12E571SG BETLUX-BL-M12E571SG Datasheet
73Kb / 3P
   LED DOT MATRIX
BL-M14A581S BETLUX-BL-M14A581S Datasheet
140Kb / 4P
   LED DOT MATRIX
BL-M19C881SG BETLUX-BL-M19C881SG Datasheet
156Kb / 3P
   LED DOT MATRIX
BL-M23A881SG BETLUX-BL-M23A881SG Datasheet
72Kb / 3P
   LED DOT MATRIX
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com