Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-M30B571DUG Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-M30B571DUG
Description  LED DOT MATRIX
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-M30B571DUG Datasheet(HTML) 1 Page - BetLux Electronics

  BL-M30B571DUG Datasheet HTML 1Page - BetLux Electronics BL-M30B571DUG Datasheet HTML 2Page - BetLux Electronics BL-M30B571DUG Datasheet HTML 3Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.betlux.com
LED DOT MATRIX
BL-M30X571XX
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 3
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
79.80mm (3.0”) Φ7.62 dot matrix LED display, BI-COLOR
Low current operation.
Excellent character appearance.
Easy mounting on P.C. Boards or sockets.
I.C. Compatible.
ROHS Compliance.
Electrical-optical characteristics: (Ta=25
) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Row Cathode
Column Anode
Row Anode
Column Cathode
Emitted Color
Material
λλλλP
(nm)
Typ
Max
Iv
TYP.(mcd)
Super Red
AlGaInP
660
2.10
2.50
140
BL-M30A571SG-XX
BL-M30B571SG-XX
Green
GaP/GaP
570
2.20
2.50
125
Orange
GaAsP/Ga
P
635
2.10
2.50
110
BL-M30A571EG-XX
BL-M30B571EG-XX
Green
GaP/GaP
570
2.20
2.50
125
Ultra Red
AlGaInP
660
2.10
2.50
160
BL-M30A571DUG-XX
BL-M30B571DUG-XX
Ultra Green
AlGaInP
574
2.20
2.50
190
Ultra Orange
AlGaInP
630
2.10
2.50
150
BL-M30A571UEUG-X
X
BL-M30B571UEUG-X
X
Ultra Green
AlGaInP
574
2.20
2.50
190
-XX: Surface / Lens color
Number
0
1
2
3
4
5
Ref Surface Color
White
Black
Gray
Red
Green
Epoxy Color
Water
clear
White
diffused
Red
Diffused
Green
Diffused
Yellow
Diffused
Absolute maximum ratings (Ta=25°C)
Parameter
S
G
E
D
UG
UE
U
nit
Forward Current
IF
30
30
30
30
30
30
mA
Power Dissipation Pd
75
80
80
75
75
65
mW
Reverse Voltage VR
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
mA
Operation Temperature TOPR
-40 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Max.260±5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)


Similar Part No. - BL-M30B571DUG

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-M30B571D BETLUX-BL-M30B571D Datasheet
141Kb / 4P
   LED DOT MATRIX
More results

Similar Description - BL-M30B571DUG

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSD-D6464SLMH-GREEN SEOUL-SSD-D6464SLMH-GREEN Datasheet
1Mb / 6P
   LED DOT MATRIX
logo
SHENZHEN YONGERJIA INDU...
WEJM1088 WINNERJOIN-WEJM1088 Datasheet
310Kb / 1P
   LED DOT MATRIX
logo
Seoul Semiconductor
D3232SL-88 SEOUL-D3232SL-88 Datasheet
361Kb / 3P
   LED DOT MATRIX
logo
BetLux Electronics
BL-M23C881SG BETLUX-BL-M23C881SG Datasheet
152Kb / 3P
   LED DOT MATRIX
BL-M07C881S BETLUX-BL-M07C881S Datasheet
159Kb / 4P
   LED DOT MATRIX
BL-M12A883SG BETLUX-BL-M12A883SG Datasheet
141Kb / 3P
   LED DOT MATRIX
BL-M12C571SG BETLUX-BL-M12C571SG Datasheet
72Kb / 3P
   LED DOT MATRIX
BL-M12E571SG BETLUX-BL-M12E571SG Datasheet
73Kb / 3P
   LED DOT MATRIX
BL-M14A581S BETLUX-BL-M14A581S Datasheet
140Kb / 4P
   LED DOT MATRIX
BL-M19C881SG BETLUX-BL-M19C881SG Datasheet
156Kb / 3P
   LED DOT MATRIX
BL-M23A881SG BETLUX-BL-M23A881SG Datasheet
72Kb / 3P
   LED DOT MATRIX
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com