Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2215 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2215
Description  16-Bit, 80Msps/65Msps Low Noise ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2215 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2215 Datasheet HTML 6Page - Linear Technology LTC2215 Datasheet HTML 7Page - Linear Technology LTC2215 Datasheet HTML 8Page - Linear Technology LTC2215 Datasheet HTML 9Page - Linear Technology LTC2215 Datasheet HTML 10Page - Linear Technology LTC2215 Datasheet HTML 11Page - Linear Technology LTC2215 Datasheet HTML 12Page - Linear Technology LTC2215 Datasheet HTML 13Page - Linear Technology LTC2215 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
LTC2216/LTC2215
10
22165f
LTC2216 SNR vs Input Level,
fIN = 15.2MHz
LTC2216 64k Point FFT,
fIN = 28.7MHz, –1dBFS
LTC2216 64k Point FFT,
fIN = 70.2MHz, –1dBFS
LTC2216 64k Point FFT,
fIN = 70.1MHz, –20dBFS, Dither “Off”
LTC2216 SFDR vs Input Level,
fIN = 70.5MHz, Dither “Off”
LTC2216 SFDR vs Input Level,
fIN = 15.2MHz, Dither “On”
LTC2216 64k Point FFT,
fIN = 70.1MHz, –20dBFS, Dither “On”
TYPICAL PERFORMANCE CHARACTERISTICS
LTC2216 SFDR vs Input Level,
fIN = 15.2MHz, Dither “Off”
LTC2216 64k Point 2-Tone FFT,
fIN = 14.25MHz and 21.5MHz,
–25dBFS, Dither “On”
22165 G10
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
1020
3040
FREQUENCY (MHz)
30
40
50
60
70
80
90
100
110
120
130
140
INPUT LEVEL (dBFS)
0
10
20
30
40
22165 G11
22165 G12
30
40
50
60
70
80
90
100
110
120
130
140
INPUT LEVEL (dBFS)
–80 –70 –60 –50 –40
–20
–30
–10
0
22165 G13
78
79
80
81
82
INPUT LEVEL (dBFS)
–80 –70 –60 –50 –40
–20
–30
–10
0
22165 G14
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
0
10
20
30
40
22165 G15
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
0
10
20
30
40
22165 G16
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
0
10
20
30
40
22165 G17
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
0
10
20
30
40
22165 G18
30
40
50
60
70
80
90
100
110
120
130
140
INPUT LEVEL (dBFS)
–80 –70 –60 –50 –40
–20
–30
–10
0


Similar Part No. - LTC2215

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2215 LINER-LTC2215_15 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
More results

Similar Description - LTC2215

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2215 LINER-LTC2215_15 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC2216 LINER-LTC2216_15 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC2273 LINER-LTC2273_15 Datasheet
777Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2273 LINER-LTC2273 Datasheet
765Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2272 LINER-LTC2272_15 Datasheet
777Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC1742 LINER-LTC1742 Datasheet
572Kb / 20P
   14-Bit, 65Msps Low Noise ADC
LTC1741 LINER-LTC1741 Datasheet
666Kb / 20P
   12-Bit, 65Msps Low Noise ADC
LTC1741 LINER-LTC1741_15 Datasheet
671Kb / 20P
   12-Bit, 65Msps Low Noise ADC
LTC1747 LINER-LTC1747 Datasheet
491Kb / 20P
   12-Bit, 80Msps Low Noise ADC
LTC1748 LINER-LTC1748_15 Datasheet
534Kb / 20P
   14-Bit, 80Msps Low Noise ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com