Electronic Components Datasheet Search
Selected language     English  ▼


C-127-1250-TDFB-SSC2 Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part No. C-127-1250-TDFB-SSC2
Description  1.25 Gbps CWDM Single Mode Transceiver(5V)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SOURCE [Source Photonics, Inc.]
Homepage  http://www.sourcephotonics.com
Logo 

   
 1 page
background image
1
1.25 Gbps CWDM Single Mode Transceiver
(5V)
C-1xx-1250(C)-TDFB-SSC2
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical
Optical Transmit Power
Po
-5
-
0
dBm
Output Power is coupled into a 9/125 µm single
mode fiber
Output center Wavelength
λ
λ − 5.5
λ
λ + 7.5
nm
λ = 1xxx nm
Output Spectrum Width
Δλ
-
-
1
nm
-20 dB width
Side Mode Suppression Ratio
Sr
30
35
-
dB
CW, Po= 5mW
Extinction Ratio
ER
9
-
-
dB
Output Eye
Compliant with IEEE 802.3z
Optical Rise Time
tr
-
-
0.26
ns
20% to 80% Values
Optical Fall Time
tf
-
-
0.26
ns
20% to 80% Values
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
Total Jitter
TJ
-
-
0.27
ns
Measured with 27-1 PRBS with 72 ones and 72
zeros
Transmitter Specifications, (0ºC<Topr<70ºC, 4.75V < VCC < 5.25V)
Features
• SC Duplex Single Mode Transceiver
• Industry Standard 1x9 Footprint
• Complies with IEEE 802.3z Gigabit Ethernet
• Single +5V Power Supply
• Operating temperature Range 0 to 70ºC
• PECL Differential Inputs and Outputs
• PECL Signal Detection Output (C-1xx-1250-TDFB-SSC2)
• TTL Signal Detection Output (C-1xx-1250C-TDFB-SSC2)
• Wave solderable and Aqueous Washable
• Uncooled laser diode with MQW stucture
• Complies with Telcordia (Bellcore) GR-468-CORE
• 1.25 Gbps application
• CWDM application
Parameter
Symbol
Min.
Max.
Unit
Note
Power Supply Voltage
Vcc
0
6
V
Output Current
Iout
0
30
mA
Soldering Temperature
-
-
260
ºC
10 seconds on leads only
Operating temerature
Topr
0
70
ºC
Storage Temperature
Tstg
-40
85
ºC
Absolute Maximum Rating
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply Voltage
Vcc
4.75
5
5.25
V
Operating Temperature
Topr
0
-
70
ºC
Data Rate
-
-
1250
-
Mbps
Recommended Operating Condition




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
VSC8221Single Port 10/100/1000BASE-T PHY with 1.25 Gbps SerDes / SGMII for SFPs / GBICs 1 2 Vitesse Semiconductor Corporation
GBS-7285-CXX0G5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter GBIC 1 2 3 4 5 Optoway Technology Inc
SPS-7350-CXX0G3.3V / CWDM / 1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER 1 2 3 4 Optoway Technology Inc
SPS-73160W-CXX0G3.3V / CWDM / 1.25 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER 1 2 3 4 Optoway Technology Inc
TRSL-73120C-CXX0G3.3V / CWDM / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER 1 2 3 4 5 Optoway Technology Inc
GBS-72120-CXX0G5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter GBIC 1 2 3 4 5 Optoway Technology Inc
TRSL-7350C-CXX0G3.3V / CWDM / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER 1 2 3 4 5 Optoway Technology Inc
SPS-7350W-CXX0G3.3V / CWDM / 1.25 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER 1 2 3 4 Optoway Technology Inc
SPS-73180-CXX0G3.3V / CWDM / 1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER 1 2 3 4 Optoway Technology Inc
TRS-7350-CXX0GCWDM 3.3V / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver 1 2 3 4 5 Optoway Technology Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl