Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3716 Datasheet(PDF) 4 Page - Motorola, Inc

Part # 2N3716
Description  10 AMPERE POWER TRANSISTORS SILICON NPN 60.80 VOLTS 150 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

2N3716 Datasheet(HTML) 4 Page - Motorola, Inc

  2N3716 Datasheet HTML 1Page - Motorola, Inc 2N3716 Datasheet HTML 2Page - Motorola, Inc 2N3716 Datasheet HTML 3Page - Motorola, Inc 2N3716 Datasheet HTML 4Page - Motorola, Inc 2N3716 Datasheet HTML 5Page - Motorola, Inc 2N3716 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N3715 2N3716
3–15
Motorola Bipolar Power Transistor Device Data
Figure 6. Collector–Emitter Saturation Voltage Variations
IB, BASE CURRENT (mA)
1.4
0.1
10
1.2
1.0
0.8
0.6
0.4
0.2
20
30
50
70
100
200
300
500
700
1000
2000
TJ =
25
°C
– 40
°C
175
°C
SEE NOTE 2
IC = 5 A
Figure 7. Base–Emitter Saturation Voltage Variations
IB, BASE CURRENT (mA)
1.4
0.1
10
1.2
1.0
0.8
0.6
0.4
0.2
20
30
50
70
100
200
300
500
700
1000
2000
10
Figure 8. Collector Current versus
Base–Emitter Voltage
VBE, BASE–EMITTER VOLTAGE (VOLTS)
0.1
– 0.6
– 0.4
– 0.2
0
0.2
0.4
TJ = 175°C
REVERSE
FORWARD
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.2
TJ = 100°C
VCE = VCEO – 20 V
SEE NOTE 2
100
Figure 9. Collector Current versus
Base–Emitter Resistance
RBE, EXTERNAL BASE–EMITTER RESISTANCE (OHMS)
0.1
1
10
100
1000
10,000
100,000
50
30
20
10
5.0
3.0
2.0
1.0
0.5
0.3
0.2
IC = 3 A
IC = 1 A
IC = 5 A
IC = 3 A
IC = 1 A
TJ =
25
°C
– 40
°C
175
°C
SEE NOTE 2
VCE = VCEO – 20 V
SEE NOTE 2
TJ = 175°C
TJ = 100°C


Similar Part No. - 2N3716

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3716 MOSPEC-2N3716 Datasheet
125Kb / 3P
   POWER TRANSISTORS(10A,150W)
logo
Savantic, Inc.
2N3716 SAVANTIC-2N3716 Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
logo
Boca Semiconductor Corp...
2N3716 BOCA-2N3716 Datasheet
132Kb / 3P
   SILICON NPN POWER TRANSISTORS
logo
Central Semiconductor C...
2N3716 CENTRAL-2N3716 Datasheet
493Kb / 2P
   SILICON NPN TRANSISTORS
logo
Seme LAB
2N3716 SEME-LAB-2N3716 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
More results

Similar Description - 2N3716

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ2500 MOTOROLA-MJ2500 Datasheet
132Kb / 4P
   10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
MJ10007 MOTOROLA-MJ10007 Datasheet
228Kb / 8P
   10 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS
MJE341 MOTOROLA-MJE341 Datasheet
130Kb / 4P
   0.5 AMPERE POWER TRANSISTORS NPN SILICON 150-200 VOLTS 20 WATTS
logo
ON Semiconductor
MJH11017 ONSEMI-MJH11017_06 Datasheet
86Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
July, 2006 ??Rev. 6
logo
Motorola, Inc
MJE15028 MOTOROLA-MJE15028 Datasheet
217Kb / 6P
   8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS
MJH11017 MOTOROLA-MJH11017 Datasheet
212Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
logo
ON Semiconductor
2N5038 ONSEMI-2N5038_07 Datasheet
84Kb / 3P
   NPN Silicon Transistors 20 AMPERE POWER TRANSISTORS 90 VOLTS - 140 WATTS
August, 2007 - Rev. 12
logo
Motorola, Inc
MJE2955T MOTOROLA-MJE2955T Datasheet
129Kb / 4P
   10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 VOLTS 75 WATTS
MJE16002 MOTOROLA-MJE16002 Datasheet
425Kb / 10P
   5.0 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 80 WATTS
MJE2360T MOTOROLA-MJE2360T Datasheet
98Kb / 4P
   0.5 AMPERE POWER TRANSISTORS NPN SILICON 350 VOLTS 30 WATTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com