Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4036 Datasheet(PDF) 3 Page - Motorola, Inc

Part # 2N4036
Description  CASE 79.04, STYLE 1 TO-39 (TO-205AD)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

2N4036 Datasheet(HTML) 3 Page - Motorola, Inc

  2N4036 Datasheet HTML 1Page - Motorola, Inc 2N4036 Datasheet HTML 2Page - Motorola, Inc 2N4036 Datasheet HTML 3Page - Motorola, Inc 2N4036 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2N4036 2N4037
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
300
µs
500
µs
1.0 ms
50
µs
100
µs
DC OPERATION
PULSED OPERATION*
9.3
5.0
3.0
2.0
1.0
7.0
– 0.1
Figure 1. Current Gain Characteristics versus
Collector–Emitter Voltage
IC, COLLECTOR CURRENT (mA)
–75
Figure 2. Dissipation Derating Curve
CASE OR AMBIENT TEMPERATURE (TC OR TA) – °C
10
7.0
200
TJ, JUNCTION TEMPERATURE (°C)
– 0.5
VCE(sat), COLLECTOR–TO–EMITTER SATURATION VOLTAGE (V)
–10–5
– 400
Figure 3. Typical Collector–Cutoff Current
versus Junction Temperature
Figure 4. Typical Saturation–Voltage
Characteristics
– 100
IC, COLLECTOR CURRENT (mA)
– 100
VCE, COLLECTOR–TO–EMITTER VOLTAGE (V)
8.0
– 0.01
Figure 5. Typical Small–Signal Beta
Characteristics
Figure 6. Maximum Safe Operating Areas
(SOA)
1.0
0.1
– 1.0
– 10
– 100
VCE = – 10 V
AMBIENT TEMPERATURE (TA) = 25°C
(AT TA)
(AT TC)
6.0
5.0
4.0
3.0
2.0
1.0
0
– 25 0
50
100
150
200
–10–6
–10–7
–10–8
–10–9
–10–10
175
150
125
100
75
50
25
0
COLLECTOR–TO–BASE
VOLTAGE – 40 V
– 20 V
– 600
– 200
0
– 0.15
– 0.25
– 0.35
AMBIENT TEMPERATURE (TA) = 25°C
COLLECTOR CURRENT (IC) = 10
BASE CURRENT (IB)
– 1000
–10
– 1.0
10
6.0
4.0
2.0
0
COLLECTOR–TO–EMITTER VOLTAGE
(VCE) = –10 V
FREQUENCY = 20 MHz
AMBIENT TEMPERATURE (TA) = 25°C
CASE TEMPERATURE (TC) = 25°C
(CURVES MUST BE DERATED LINEARLY
WITH INCREASE OF TEMPERATURE)
VCEO MAX = 40 V
(2N4037)
VCEO MAX = – 65 V
(2N4036)
*FOR SINGLE
NONREPETITIVE PULSE
– 0.1
1.0
–10
– 1.0
IC MAX.
(CONTINUOUS)
NORMALIZED
POWER
MULTIPLIER


Similar Part No. - 2N4036

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N4036 PHILIPS-2N4036 Datasheet
51Kb / 8P
   PNP switching transistor
1997 Jun 19
logo
STMicroelectronics
2N4036 STMICROELECTRONICS-2N4036 Datasheet
62Kb / 5P
   MEDIUM-SPEED SWITCH
October 1988
logo
Boca Semiconductor Corp...
2N4036 BOCA-2N4036 Datasheet
46Kb / 2P
   PNP SILICON PLANAR TRANSISTOR
logo
Micro Electronics
2N4036 MICRO-ELECTRONICS-2N4036 Datasheet
147Kb / 2P
   COMPLEMEMTARY SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
logo
Central Semiconductor C...
2N4036 CENTRAL-2N4036 Datasheet
55Kb / 1P
   Small Signal Transistors
More results

Similar Description - 2N4036

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N5087 MOTOROLA-2N5087 Datasheet
300Kb / 8P
   CASE 29.04, STYLE 1 TO-92 (TO-226AA)
2N2894 MOTOROLA-2N2894 Datasheet
44Kb / 1P
   CASE 22-03, STYLE 1 TO-18(TO-206AA)
logo
Central Semiconductor C...
2N696 CENTRAL-2N696 Datasheet
140Kb / 2P
   NPN SILICON TRANSISTOR JEDEC TO-39 CASE
logo
Motorola, Inc
2N5555 MOTOROLA-2N5555 Datasheet
271Kb / 8P
   CASE 29.04, STYLE 5 TO-92 (TO-226AA)
2N7000 MOTOROLA-2N7000 Datasheet
77Kb / 4P
   CASE 29-04, STYLE 22 TO-92 (TO-226AA)
2N5208 MOTOROLA-2N5208 Datasheet
297Kb / 5P
   CASE 29-04,STYLE 2 TO-92(TO-226AA)
logo
New Jersey Semi-Conduct...
2N1479 NJSEMI-2N1479 Datasheet
174Kb / 1P
   NPN TO-39/TO-5
logo
Motorola, Inc
BAS4006LT1 MOTOROLA-BAS4006LT1 Datasheet
76Kb / 4P
   CASE 318-08, STYLE 11 SOT-23 (TO-236AB)
BAS4004LT1 MOTOROLA-BAS4004LT1 Datasheet
75Kb / 4P
   CASE 318 08, STYLE 12 SOT 23 (TO 236AB)
BAS7004LT1 MOTOROLA-BAS7004LT1 Datasheet
74Kb / 4P
   CASE 318-08, STYLE 12 SOT-23 TO-236AB
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com