Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78172-0003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 78172-0003
Description  1.20mm (.047?? Pitch Pico-EZmate??W-to-B Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

78172-0003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  78172-0003 Datasheet HTML 1Page - Molex Electronics Ltd. 78172-0003 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATIONS
FEATURES AND SPECIFICATIONS
Molex's new 1.20mm pitch Pico-EZmate™ connectors are compact and low
profile, with a mated height of 1.40mm for wire-to-board applications.
The Pico-EZmate connector design includes secure locking features between the
receptacle housing and the PCB header, with an audible click to ensure mating
integrity. The receptacle is mated vertically with the header, which allows
excellent workability in production lines.
The header design also provides sufficient space to allow stable pick-and-place
operations in SMT lines. The headers are packed in the embossed tape packing for
automatic insertion equipment.
Both header and receptacle housings are made from a halogen-free resin with a
94 V-0 rated material. The series also complies to European RoHS directives.
Features
Benefits
Ultra low profile
Space savings
Easy vertical mating
Excellent workability in production line
Multiple mating cycles
Allows multiple testing cycles
Assembly suction space on header
Stable pick-and-place area
RoHS & halogen free compliance
Environmentally friendly
Reference Information
Packaging: Embossed Tape
UL File No.: TBD
CSA File No.: TBD
Designed In: mm
Electrical
Voltage: 50V
Current: 1.5A
Applicable wire range: AWG #28 to #30
UL3302
Contact Resistance: 20 milliohms max.
Dielectric Withstanding Voltage: 500V AC
Insulation Resistance: 100 Megohms minimum
Physical
Housing: LCP, UL94V-0, Black
Contact: Copper alloy
Plating: Gold
Operating Temperature: -25°C to +85°C
1.20mm (.047”) Pitch
Pico-EZmate™ W-to-B
Connectors
Series
78171
Header
78172
-Receptacle housing
- Terminal


Similar Part No. - 78172-0003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
78172-0003 MOLEX-78172-0003 Datasheet
63Kb / 1P
   1.20MM PITCH, W-T-B RECEPTACLE CONNECTOR
78172-0003 MOLEX11-78172-0003 Datasheet
42Kb / 1P
   PicoEZmate??Wire-to-Board Housing, 3 Circuits, Lead-Free
More results

Similar Description - 78172-0003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-4300 MOLEX-63819-4300 Datasheet
502Kb / 7P
   Hand Crimp Tool 1.20mm (.047?? Pitch Pico-EZmate??Crimp Terminals
02-11-09
63902-5900 MOLEX11-63902-5900 Datasheet
47Kb / 1P
   FineAdjust Applicator for 1.20mm (.047) Pitch Pico-EZmate Wire-to-Board Crimp Terminal
0781725006 MOLEX9-0781725006 Datasheet
140Kb / 2P
   1.20mm (.047) Pico-EZmate??Wire-to-Board Housing, 6 Circuits, Lead free
63912-5900 MOLEX11-63912-5900 Datasheet
39Kb / 1P
   T2 Terminator for 1.20mm (.047) Pitch Pico-EZmate Wire-to-Board Crimp Terminal
ATS-638194300 MOLEX-ATS-638194300 Datasheet
502Kb / 7P
   Hand Crimp Tool 1.20mm (.047) Pitch Pico-EZmate™ Crimp Terminals
02-11-09
ATS-639111300 MOLEX-ATS-639111300 Datasheet
235Kb / 6P
   T2 Terminator for 1.20mm (.047) Pitch Pico-EZmate??Wire-to-Board Crimp Terminal
05-23-11
ATS-639025900 MOLEX-ATS-639025900 Datasheet
279Kb / 5P
   Fine Adjust Applicator for 1.20mm (.047) Pitch Pico-EZmate??Wire-to-Board Crimp Terminal
12-14-16
ATS-639011300 MOLEX-ATS-639011300 Datasheet
317Kb / 5P
   Fine Adjust Applicator for 1.20mm (.047) Pitch Pico-EZmate??Wire-to-Board Crimp Terminal
05-12-11
0781720411 MOLEX9-0781720411 Datasheet
274Kb / 5P
   1.20mm (.047") Pitch Pico-EZmate??Wire-to-Board Crimp Terminal, Gold (Au) Flashover Nickel (Ni) Plated, Lead free
0369200506 MOLEX-0369200506 Datasheet
40Kb / 1P
   Pico-EZmate-to-Pico-EZmate Off-the-Shelf (OTS) Cable Assembly, 1.20mm Pitch, Single Row, 600.00mm Length, 5 Circuits, Black
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com