Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

501334-0000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 501334-0000
Description  1.00mm (.039") pitch wire-to-board connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

501334-0000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  501334-0000 Datasheet HTML 1Page - Molex Electronics Ltd. 501334-0000 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
BENEFITS
n
Smallest pitch for positive lock Wire-to-Board
crimp system
n
Provides space saving for mounting other
components
n
Inner positive lock
(6-50 circuit sizes)
n
Prevents wire hooking
n
Blocks direct wire weight and prevents lock
lever leaning
n
Strong mating retention and clear click feeling
n
Outer positive lock
(3-5 circuit sizes)
n
Strong mating retention and clear click
feeling
n
Low mating and unmating forces
n
Easy connector insertion and extraction
n
Wide header variations
n
Provides customers with many choices and
design flexibility
The new 1.00mm (.039") pitch wire-to-board
connector system from Molex was developed for
various connections in Flat Panel Displays (FPD).
The compact, small-circuit size features of this
system also make it ideal for other applications
such as Notebook PCs and other compact devices.
The system is offered in both single and dual row
versions. Friction and positive locks are offered
for various application needs. Other features
include mating guides, solder tabs and footprint
compatibility with some competitive versions.
Specifications:

Designed In: mm


Voltage: 50V
Current: 1.0A (28, 30 AWG), 0.8A (32 AWG)
Contact Resistance: 20 milliohms max.
Insulation Resistance: 100 Megohms min.
Dielectric Strength: 250V AC/1 minute
Terminal Retention Force: 4.9N (0.5kgf) min.
Durability: 30 cycles


Operating Temperature:
-40 to +85°C
Outer Positive Lock
Inner Friction Lock
Inner Positive Lock


Similar Part No. - 501334-0000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
501334-0000 MOLEX-501334-0000 Datasheet
61Kb / 1P
   1.0 WIRE TO BOARD CONN. CRIMP REC TERMINAL (SN) -LEAD FREE-
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com