Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ8-1C-5DSE Datasheet(PDF) 3 Page - American Zettler, Inc.

Part # AZ8-1C-5DSE
Description  MINIATURE PC BOARD RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ8-1C-5DSE Datasheet(HTML) 3 Page - American Zettler, Inc.

  AZ8-1C-5DSE Datasheet HTML 1Page - American Zettler, Inc. AZ8-1C-5DSE Datasheet HTML 2Page - American Zettler, Inc. AZ8-1C-5DSE Datasheet HTML 3Page - American Zettler, Inc. AZ8-1C-5DSE Datasheet HTML 4Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AZ8
11/14/06W
MECHANICAL DATA
WIRING DIAGRAM
PC BOARD LAYOUT
.840
(21.3)
.637
(16.18)
.071
(1.80)
.500
(12.69)
.200
(5.07)
.136
(3.45)
.017
(0.43)
.565
(14.35)
Viewed toward terminals
Viewed toward terminals
Terminal No.
1
2, 5
3, 4
Dimensions
.010 - .015 X .035 - .042
.020 - .030 SQUARE
.015 - .023 X .025 - .030
1 FORM A
1 FORM C
.055 ± .005 DIA
(1.4 ± 0.1)
(5 HOLES)
.069
(1.75)
REF
.071
(1.80)
REF
0.1
(2.54)Ê
2
5
3
1
2
5
3
1
4
Coil Temperature Rise
Percent of Nominal Coil Voltage
20˚C Ambient
60%
80%
100%
120%
140%
160%
180%
210%
220%
170
160
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0A
4A
6A
8A
10A
Maximum Switching Capacity
.1
.2
.3
.4
.5
.6
.7
.8
.9
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
VOLTAGE
DC Resistive Load
AC Resistive
Load
ICT
IC
ICH
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
UL, CUR RATINGS
Light Duty
2 A at 28 VDC or 300 VAC
1
/8 HP at 120 VAC
1
/10 HP at 120/240 VAC (100,000 cyc)
1.2
/0.6 A at 120/240 VAC, Pilot Duty 100,000 cyc
3.0
/1.5 A at 120/240 VAC General Use 100,000 cyc
Medium Duty
6 A at 28 VDC or 300 VAC
1
/8 HP at 120/240 VAC (100,000 cyc)
1.5
/0.8 A at 120/240 VAC, Pilot Duty 100,000 cyc
3.8
/1.9 A at 120/240 VAC General Use 100,000 cyc
Heavy Duty
SPST:
10 A at 24 VDC / 125 VAC Resistive
1
/4 HP at 120 / 125 VAC
1
/2 HP at 250 VAC
7 A at 277 VAC Resistive
SPDT:
10 A at 250 VAC General Use
7 A at 277 VAC Resistive
6 A at 24 VDC Resistive
1
/4 HP at 125 VAC
VDE RATINGS
Sealed
5 A at 250 VAC resistive, 10,000 cycles
Unsealed
6 A at 250 VAC resistive, 50,000 cycles


Similar Part No. - AZ8-1C-5DSE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ8-1C-5D ETC1-AZ8-1C-5D Datasheet
161Kb / 4P
   MINIATURE PC BOARD RELAY
AZ8-1C-5DE ETC1-AZ8-1C-5DE Datasheet
161Kb / 4P
   MINIATURE PC BOARD RELAY
More results

Similar Description - AZ8-1C-5DSE

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
   MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
   MINIATURE PC BOARD RELAY
AZ941 ETC-AZ941 Datasheet
54Kb / 2P
   MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ946 AZETTLER-AZ946 Datasheet
95Kb / 2P
   MINIATURE PC BOARD RELAY
AZ991 AZETTLER-AZ991 Datasheet
85Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ991 ETC2-AZ991 Datasheet
77Kb / 2P
   MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ946 ZETTLER-AZ946_14 Datasheet
43Kb / 2P
   MINIATURE PC BOARD RELAY
AZ946 ZETTLER-AZ946 Datasheet
63Kb / 2P
   MINIATURE PC BOARD RELAY
logo
Tyco Electronics
TSC MACOM-TSC Datasheet
87Kb / 2P
   Miniature, Sealed PC Board Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com