Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ165-2C-48D Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZ165-2C-48D
Description  MINIATURE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ165-2C-48D Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ165-2C-48D Datasheet HTML 1Page - American Zettler, Inc. AZ165-2C-48D Datasheet HTML 2Page - American Zettler, Inc. AZ165-2C-48D Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AZ165
8/11/03W
UL/CUR
SPDT Heavy duty:
Ratings
15 A, 250 VAC 100k, Resistive
15 A, 30 VDC, 100k N.O., 30k N.C., Resistive
DPDT Heavy duty:
10 A, 250 VAC, 100k, General use
10 A, 30 VDC, 100k, Resistive
1
/3 HP, 120/240 VAC, 100k Motor load
DPDT, Standard duty:
7A, 250 VAC, 100k Resistive
7A, 30 VDC, 100k, Resistive
3A, 240 VAC/30 VDC, 100k, General use
3PDT, 4PDT, Standard duty:
5A, 250 VAC, 100k, Resistive
5A, 30 VDC, 100k, Resistive
3A, 240 VAC/30 VDC, 100k, General use
CONTACT RATINGS
Maximum
SPDT Heavy duty, resistive load:
Ratings
Max. Switched Power: 450 W, 3750 VA
Max. Switched Current: 15 A
Max. Switched Voltage: 30 VDC, 250 VAC
DPDT Heavy duty, resistive load:
Max. Switched Power: 300 W, 2500 VA
Max. Switched Current: 10 A
Max. Switched Voltage: 30 VDC, 250 VAC
DPDT Standard duty, resistive load:
Max. Switched Power: 210 W, 1750 VA
Max. Switched Current: 7 A
Max. Switched Voltage: 30 VDC, 250 VAC
3PDT, 4PDT, Standard duty, resistive load:
Max. Switched Power: 150 W, 1250 VA
Max. Switched Current: 5 A
Max. Switched Voltage: 30 VDC, 250 VAC
MECHANICAL DATA
[2.5]
.098
[21.5]
.846
[1.2]
.047
[28.0]
1.102
[5.3]
.209
[35.0]
1.378
[5.0]
.197
[3.4]
.134
[0.5]
.020
[28.0]
1.102
[35.0]
1.378
[6.4]
.252
[0.5]
.020
[21.5]
.846
[ø2.5]
ø.098
.226
.699
[4.4]
.173
.163
[4.1]
[13.2]
[4.1]
.161
[10.4]
.409
[16.8]
.661
[4.3]
.169
[6.6]
.163
[4.1]
[16.8]
[16.8]
.661
[10.4]
.409
[4.1]
.161
[4.3]
.169
[13.2]
.520
.161
.520
[10.4]
.409
[4.3]
[13.2]
.169
.520
.661
.260
[4.0]
.156
[10.6]
.417
[4.6]
.181
[10.0]
.394
.163
[4.1]
[14.2]
.559
[17.75]
[5.7]
+
-
+
-
+
-
+
-
AZ165-_CT
8
2CT
5
6
1
2
4
3
7
1CT
6
2
4
8
5
12
9
1
3
8
4
1
5
9
3
5
6
13
14
7
2C
14
WITH LED
8
2
3C
AZ165-_C
9
10
11
12
3
7
8
2
1
56
4
13
14
4C
TERMINAL LAYOUTS
WIRING DIAGRAM
[4.1]
4C
6
1
2
3
4
12
8
4
8
2CT
14
2C
7
8
9
3
6
2
5
14
3C
1
4
13
79
1
5
13
2C
3C
1CT & 2CT
13
7
9
10
11
12
1
4
3
7
8
2
1
56
4
+
-
14
13
4C
5
6
1
2
4
3
7
8
1CT
Viewed Towards Terminal
Viewed Towards Terminal
5


Similar Part No. - AZ165-2C-48D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ1651 AZETTLER-AZ1651 Datasheet
375Kb / 3P
   SPDT through 4PDT arrangement
More results

Similar Description - AZ165-2C-48D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
   MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
   MINIATURE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com